Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


FP6291 Datasheet(PDF) 6 Page - Feeling Technology Corp.

Part No. FP6291
Description  1MHz, 2.5A Step-Up Current Mode PWM Converter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FEELING [Feeling Technology Corp.]
Homepage  http://www.feeling-tech.com.tw/
Logo 

 6 page
background image
FP6291
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
6/11
Typical Operating Characteristics
(VCC=3.3V, VOUT=5V, TA= 25°C, unless otherwise noted)
Efficiency vs. Output Current
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Output Current (A)
Current Limit vs. External Resistance (Roc)
0
0.5
1
1.5
2
2.5
3
3.5
10
20
30
40
50
60
70
80
90
100
External Resistance (kΩ)
Operation Frequency vs. Input Voltage
1.02
1.04
1.06
1.08
1.1
1.12
1.14
1.16
23
45
6
Input Voltage (V)
Operation Frequency vs. Temperature
1
1.02
1.04
1.06
1.08
1.1
-40
-20
0
20
40
60
80
100
Temperature (°C)
Reference Voltage vs. Input Voltage
0.6
0.601
0.602
0.603
0.604
0.605
0.606
0.607
23
4
5
6
Input Voltage (V)
Reference Voltage vs. Output Current
0.6
0.601
0.602
0.603
0.604
0.605
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Output Current (A)
Quiescent Current vs. Input Voltage
120
150
180
210
240
270
23
4
5
6
Input Voltage (V)
Average Supply Current vs. Input Voltage
0.5
1
1.5
2
2.5
3
3.5
4
4.5
23
45
6
Input Voltage (V)
VIN =5V, VOUT =9V




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl