Electronic Components Datasheet Search
Selected language     English  â–¼
Advanced Search

              



Part Name


FP6291 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part No. FP6291
Description  1MHz, 2.5A Step-Up Current Mode PWM Converter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FEELING [Feeling Technology Corp.]
Homepage  http://www.feeling-tech.com.tw/
Logo 

 
 1 page
background image
FP6291
1MHz, 2.5A Step-Up Current Mode PWM Converter
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
1/11
General Description
The FP6291 is a current mode boost DC-DC converter. Its PWM circuitry with built-in 0.2Ω power
MOSFET make this regulator highly power efficient. The internal compensation network also minimizes
as much as 6 external component counts. The non-inverting input of error amplifier connects to a 0.6V
precision reference voltage and internal soft-start function can reduce the inrush current.
The FP6291 is available in the SOT23-6L package and provides space-saving PCB for the
application fields.
Features

Adjustable Output up to 12V

Internal Fixed PWM frequency: 1.0MHz

Precision Feedback Reference Voltage: 0.6V (±2%)

Internal 0.2Ω, 2.5A, 16V Power MOSFET

Shutdown Current: 0.1μA

Over Temperature Protection

Over Voltage Protection

Adjustable Over Current Protection: 0.5A ~ 2.5A

Package: SOT23-6L
Applications

Chargers

LCD Displays

Digital Cameras

Handheld Devices

Portable Products
Typical Application Circuit




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl