Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


LTK5128 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. LTK5128
Description  FM scheme
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 10 page
background image
+
LTK5128
5W
AB/D 类音频功放
类音频功放
类音频功放
类音频功放
2014 V1.1
LTKCHIP TECHNOLOGY
10 / 10
10、
、芯片的封装
芯片的封装
芯片的封装
芯片的封装
ESOP
ESOP
ESOP
ESOP----8888
字符
字符
字符
字符
Dimensions In Millimeter
Dimensions In Millimeter
Dimensions In Millimeter
Dimensions In Millimeters
s
s
s
Dimensions In
Dimensions In
Dimensions In
Dimensions In Inches
Inches
Inches
Inches
M
M
M
Min
in
in
in
N
N
N
Nom
om
om
om
M
M
M
Max
ax
ax
ax
Min
Min
Min
Min
Nom
Nom
Nom
Nom
Max
Max
Max
Max
A
A
A
A
2.31
2.31
2.31
2.31
2.40
2.40
2.40
2.40
2.51
2.51
2.51
2.51
0.091
0.091
0.091
0.091
0.094
0.094
0.094
0.094
0.098
0.098
0.098
0.098
B
B
B
B
3.20
3.20
3.20
3.20
3.30
3.30
3.30
3.30
3.40
3.40
3.40
3.40
0.126
0.126
0.126
0.126
0.129
0.129
0.129
0.129
0.132
0.132
0.132
0.132
C
C
C
C
3.8
3.8
3.8
3.8
3.90
3.90
3.90
3.90
4.00
4.00
4.00
4.00
0.150
0.150
0.150
0.150
0.154
0.154
0.154
0.154
0.157
0.157
0.157
0.157
C1
C1
C1
C1
5.8
5.8
5.8
5.8
6.00
6.00
6.00
6.00
6.2
6.2
6.2
6.2
0.228
0.228
0.228
0.228
0.235
0.235
0.235
0.235
0.244
0.244
0.244
0.244
C2
C2
C2
C2
1.35
1.35
1.35
1.35
1.45
1.45
1.45
1.45
1.55
1.55
1.55
1.55
0.053
0.053
0.053
0.053
0.058
0.058
0.058
0.058
0.061
0.061
0.061
0.061
C3
C3
C3
C3
0.0
0.0
0.0
0.05
5
5
5
0.12
0.12
0.12
0.12
0.15
0.15
0.15
0.15
0.004
0.004
0.004
0.004
0.007
0.007
0.007
0.007
0.010
0.010
0.010
0.010
D
D
D
D
4.70
4.70
4.70
4.70
5.00
5.00
5.00
5.00
5.1
5.1
5.1
5.1
0.185
0.185
0.185
0.185
0.190
0.190
0.190
0.190
0.200
0.200
0.200
0.200
D1
D1
D1
D1
1.35
1.35
1.35
1.35
1.60
1.60
1.60
1.60
1.75
1.75
1.75
1.75
0.053
0.053
0.053
0.053
0.06
0.06
0.06
0.06
0.069
0.069
0.069
0.069
e
e
e
e
1.270(BSC)
1.270(BSC)
1.270(BSC)
1.270(BSC)
0.050(BSC)
0.050(BSC)
0.050(BSC)
0.050(BSC)
L
L
L
L
0.400
0.400
0.400
0.400
0.83
0.83
0.83
0.83
1.27
1.27
1.27
1.27
0.016
0.016
0.016
0.016
0.035
0.035
0.035
0.035
0.050
0.050
0.050
0.050




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl