Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


MQ-135 Datasheet(PDF) 2 Page - Hanwei Electronics Group Corporation

Part No. MQ-135
Description  Wide detecting scope
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HANWEI [Hanwei Electronics Group Corporation]
Homepage  https://www.hwsensor.com/
Logo 

   
 2 page
background image
HANWEI ELCETRONICS CO.,LTD
MQ-135
http://www.hwsensor.com
TEL: 86-371-67169070 67169080
FAX: 86-371-67169090
E-mail: sales@hwsensor.com
sensitive components. The enveloped MQ-135 have 6 pin ,4 of them are used to fetch signals, and other 2 are used
for providing heating current.
Electric parameter measurement circuit is shown as
Fig.2
E. Sensitivity characteristic curve
Fig.2
sensitivity characteristics of the MQ-135
this components, sensitivity adjustment is very necessary. we recommend that you calibrate the detector for
100ppm NH3 or 50ppm Alcohol concentration in air and use value of Load resistancethat( RL) about 20 KΩ(10KΩ
to 47 KΩ).
When accurately measuring, the proper alarm point for the gas detector should be determined after
considering the temperature and humidity influence.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-20
-10
0
10
20
30
40
50
60
degree
33%RH
85%RH
Fig.3 is shows the typical
sensitivity characteristics of
the MQ-135 for several gases.
in their: Temp: 20℃、
Humidity: 65%、
O2 concentration 21%
RL=20kΩ
Ro: sensor resistance at 100ppm of
NH3 in the clean air.
Rs:sensor resistance at various
concentrations of gases.
Fig.4 is shows the typical dependence of
the MQ-135 on temperature and humidity.
Ro: sensor resistance at 100ppm of NH3 in air
at 33%RH and 20 degree.
Rs: sensor resistance at 100ppm of NH3
at different temperatures and humidities.
Fig.4
MQ-135
0.1
1
10
10
100
1000
ppm
A
IR
CO2
CO
Alc ohol
NH4
Tolueno
Acetona
SENSITIVITY ADJUSTMENT
Resistance value of MQ-135 is difference to various kinds and various concentration gases. So,When using




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl