Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


MQ-135 Datasheet(PDF) 3 Page - Hanwei Electronics Group Corporation

Part No. MQ-135
Description  Wide detecting scope
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HANWEI [Hanwei Electronics Group Corporation]
Homepage  https://www.hwsensor.com/
Logo 

   
 3 page
background image
Notification
1 Following conditions must be prohibited
1.1 Exposed to organic silicon steam
Organic silicon steam cause sensors invalid, sensors must be avoid exposing to silicon bond,
fixature, silicon latex, putty or plastic contain silicon environment
1.2 High Corrosive gas
If the sensors exposed to high concentration corrosive gas (such as H
2Sz, SOX,Cl2,HCl etc), it will
not only result in corrosion of sensors structure, also it cause sincere sensitivity attenuation.
1.3 Alkali, Alkali metals salt, halogen pollution
The sensors performance will be changed badly if sensors be sprayed polluted by alkali metals salt
especially brine, or be exposed to halogen such as fluorin.
1.4 Touch water
Sensitivity of the sensors will be reduced when spattered or dipped in water.
1.5 Freezing
Do avoid icing on sensor’surface, otherwise sensor would lose sensitivity.
1.6 Applied voltage higher
Applied voltage on sensor should not be higher than stipulated value, otherwise it cause down-line or
heater damaged, and bring on sensors’ sensitivity characteristic changed badly.
1.7 Voltage on wrong pins
For 6 pins sensor, if apply voltage on 1、3 pins or 4、6 pins, it
will make lead broken, and without signal when apply on 2、4 pins
2 Following conditions must be avoided
2.1 Water Condensation
Indoor conditions, slight water condensation will effect sensors performance lightly. However, if water
condensation on sensors surface and keep a certain period, sensor’ sensitivity will be decreased.
2.2 Used in high gas concentration
No matter the sensor is electrified or not, if long time placed in high gas concentration, if will affect
sensors characteristic.
2.3 Long time storage
The sensors resistance produce reversible drift if it’s stored for long time without electrify, this drift is
related with storage conditions. Sensors should be stored in airproof without silicon gel bag with clean air.
For the sensors with long time storage but no electrify, they need long aging time for stbility before using.
2.4 Long time exposed to adverse environment
No matter the sensors electrified or not, if exposed to adverse environment for long time, such as
high humidity, high temperature, or high pollution etc, it will effect the sensors performance badly.
2.5 Vibration
Continual vibration will result in sensors down-lead response then repture. In transportation or
assembling line, pneumatic screwdriver/ultrasonic welding machine can lead this vibration.
2.6 Concussion
If sensors meet strong concussion, it may lead its lead wire disconnected.
2.7 Usage
For sensor, handmade welding is optimal way. If use wave crest welding should meet the following
conditions:
2.7.1 Soldering flux: Rosin soldering flux contains least chlorine
2.7.2 Speed: 1-2 Meter/ Minute
2.7.3 Warm-up temperature:100±20℃
2.7.4 Welding temperature:250±10℃
2.7.5 1 time pass wave crest welding machine
If disobey the above using terms, sensors sensitivity will be reduced.




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl