Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


NS4158 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part No. NS4158
Description  Breaking sound (NCN) function, software,
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 7 page
background image
N
NS
S4
41
15
58
8
5W单声道D类音频功放
Nsiway
77
THD+N=1%,
f=1KHz,RL=2Ω
4.0
W
THD+N=1%,
f=1KHz,RL=3Ω
3.2
W
THD+N=1%,
f=1KHz,RL=4Ω
2.6
W
THD+N=10%,
f=1KHz,RL=2Ω
4.8
W
THD+N=10%,
f=1KHz,RL=3Ω
3.8
W
PO
输出功率
NCNOFF)
THD+N=10%,
f=1KHz,RL=4Ω
3.1
W
THD+N
总失真度
+噪声
AVD=2,20Hz≤f≤20KHz
RL=2Ω,PO=1.5W
0.1
%
SNR
信噪比
RL=8Ω,Po=0.5W
90
dB
TAT
Attack time
VDD =3.6V
20
ms
TRL
Release time
VDD =3.6V
1.5
s
AMAX
最大衰减增益
-10
dB
7
芯片管脚描述
7.1 NS4158 封装管脚分配图
2 NS4158 封装管脚分配图(top view)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl