Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


NS4158 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. NS4158
Description  Breaking sound (NCN) function, software,
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 8 page
background image
N
NS
S4
41
15
58
8
5W单声道D类音频功放
Nsiway
88
7.2 NS4158 引脚功能描述
3 NS4158 管脚描述
符号
管脚号
描述
CTRL
1
工作模式控制
Bypass
2
旁路电容
NC
3
空脚
INN
4
信号输入端
VoN
5
输出负端
VDD
6
电源输入
GND
7
电源地
VoP
8
输出正端
7.3 NS415U封装管脚分配图
3 NS4158U 封装管脚分配图(top view)
7.4 NS415U引脚功能描述
4 NS4158U 管脚描述
符号
管脚号
描述
CTRL
1
工作模式控制
AGND
2
模拟地
Bypass
3
旁路电容
INN
4
信号输入端
VoN
5
输出负端
VDD
6
电源输入
PGND
7
功率地
VoP
8
输出正端




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl