Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


TM1628 Datasheet(PDF) 7 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part No. TM1628
Description  CMOS Technology
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Homepage  http://www.titanmec.com/index.php/en/
Logo 

 7 page
background image
深圳市天微电子有限公司
S
S
S
SH
H
H
HE
E
E
EN
N
N
NZH
ZH
ZH
ZHE
E
E
EN
N
N
N TI
TI
TI
TIT
T
T
TA
A
A
AN
N
N
N M
M
M
M IIIIC
C
C
CR
R
R
RO
O
O
O E
E
E
EL
L
L
LE
E
E
EC
C
C
CT
T
T
TR
R
R
RO
O
O
ON
N
N
NIIII C
C
C
CS
S
S
S C
C
C
CO
O
O
O.... ,,,,L
L
L
LT
T
T
TD
D
D
D....
is highly recommended that an external pull-up resistor (1 KOhms to 10
KOhms) must be connected to DIO.
Reception (Data/Command Write)
ONLY 1 BYTE
If
data
continues
Transmission (Data/Read)
where: twait (waiting time) > 1µs
It must be noted that when the data is read, the waiting time(t ) wait
between the rising of the eighth clock that has set the command and the
falling of the first clock that has read the data is greater or equal to 1µ s.
SWITCHING
SWITCHING
SWITCHING
SWITCHING CHARACTERIST
CHARACTERIST
CHARACTERIST
CHARACTERISTIIIIC
C
C
C WAVEFORM
WAVEFORM
WAVEFORM
WAVEFORM
TM1628 Switching Characteristics Waveform is given below.
Add:522,5/F,Bldg. No.4,Keji Central Road 2, Software Park,High-Tech Industrial Park,Shenzhen
Tel:86-755-86185092
Web: www.titanmec.com
Fax: 86-755-86185093
7
Data Reading starts
Data Read Command is set




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl