Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM1628 Datasheet(PDF) 2 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1628
Description  CMOS Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1628 Datasheet(HTML) 2 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM1628 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
深圳市天微电子有限公司
S
S
S
SH
H
H
HE
E
E
EN
N
N
NZH
ZH
ZH
ZHE
E
E
EN
N
N
N TI
TI
TI
TIT
T
T
TA
A
A
AN
N
N
N M
M
M
M IIIIC
C
C
CR
R
R
RO
O
O
O E
E
E
EL
L
L
LE
E
E
EC
C
C
CT
T
T
TR
R
R
RO
O
O
ON
N
N
NIIII C
C
C
CS
S
S
S C
C
C
CO
O
O
O.... ,,,,L
L
L
LT
T
T
TD
D
D
D....
PIN
PIN
PIN
PIN CONFIGURATION
CONFIGURATION
CONFIGURATION
CONFIGURATION
GND
GRID1
GRID2
GND
GRID3
GRID4
GND
VDD
SEG14/GRID5
SEG13/GRID6
SEG12/GRID7
SEG10
SEG9
SEG8/KS8
NC
DIO
SCLK
STB
K1
K2
VDD
SG1/KS1
SG2/KS2
SG3/KS3
SG4/KS4
SG5/KS5
SG6/KS6
SG7/KS7
PIN
PIN
PIN
PIN DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
Add:522,5/F,Bldg. No.4,Keji Central Road 2, Software Park,High-Tech Industrial Park,Shenzhen
Tel:86-755-86185092
Web: www.titanmec.com
Fax: 86-755-86185093
2
Pin Name
I/O
Description
Pin No.
DIO
I/O
Data Input Output Pin
( N-Channel , Open-Drain) This pin
outputs serial data at the falling edge of
the shift clock. This pin inputs serial data
at the rising edge of the shift clock
(starting from the lower bit)
2
SCLK
I
Clock Input Pin
This pin reads serial data at the rising
edge and outputs data at the falling edge.
3
STB
I
Serial Interface Strobe Pin
The data input after the STB has fallen is
processed as a command. When t his pin
is "HIGH", CLK is ignored.
4
K1,K2
I
Key Data Input Pins
The data sent to these pins are latched at
the end of the display cycle.(Internal
Pull-Low Resistor)
5,6
GND
-
Ground Pin
22,25,28
SEG1-SEG8
O
Segment Output Pins (p - channel, open
drain) Also acts as the Key Source
8-15
SEG9-SEG10
O
Segment Output pins (P-Channel, open
drain)
16,17
SG12-SEG14
O
Segment/Grid Output Pins
18-20
VDD
-
Power Supply
21
GRID1-GRID4
O
Grid Output Pins
23,24,26,27
1
No Connection
1
1
28
2
TM1
TM1
TM1
TM16
6
6
628
28
28
28
27
3
26
4
25
5
24
6
23
7
22
8
21
9
20
10
19
11
18
12
17
13
16
14
15


Similar Part No. - TM1628

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianwei Electr...
TM1628A TITANMEC-TM1628A Datasheet
692Kb / 18P
   LED drive control dedicated circuit
More results

Similar Description - TM1628

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-F HB-5XRGB-F2-F Datasheet
159Kb / 3P
   CMOS Technology
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
logo
Fujitsu Component Limit...
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
   0.25um CMOS Technology
CE66 FUJITSU-CE66 Datasheet
29Kb / 2P
   0.35um CMOS Technology
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
   65nm CMOS Technology
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com