Electronic Components Datasheet Search
Selected language     English  â–Ľ
Advanced Search

              



Part Name


UP55A Datasheet(PDF) 13 Page - Yokogawa Electric Korea Co., Ltd.

Part No. UP55A
Description  Equipped with a large-capacity program
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YOKOGAWA [Yokogawa Electric Korea Co., Ltd.]
Homepage  https://www.yokogawa.com/kr/
Logo 

 
 13 page
background image
13
All Rights Reserved. Copyright © 2010, Yokogawa Electric Corporation
GS 05P02C41-01EN Mar.14,2016-00
Subject to change without notice.
n
ModelandSuffixCode
Model
Suffixcode
Option
code
Description
UP55A
Program Controller (Power supply: 100-240 V AC)
30 program patterns / 300 program segments (99 program patterns / 600 program
segments when the option /AP is specifed. Max. 99 segments per pattern)
(provided with retransmission output or 15 V DC loop power supply, 8 DIs, and 8
DOs)
Type 1:
Basic control
-0
Standard type
-1
Position proportional type
-2
Heating/cooling type
Type 2:
Functions
0
None
1
Remote (1 additional aux. analog) input, 1 additional DI
2
RS-485 communication (Max.19.2 kpbs, 2-wire/4-wire)
3
10 additional DOs (*1)
4
3 additional aux. analog inputs, 2 DIs and 5 DOs to be deleted
Type 3:
Open networks
0
None
1
RS-485 communication (Max.38.4 kbps, 2-wire/4-wire)
2
Ethernet communication (with serial gateway function)
3
CC-Link communication (with Modbus master function)
4
PROFIBUS-DP communication (with Modbus master function)
5
DeviceNet communication (with Modbus master function)
Display language (*2)
-1
English (Default. Can be switched to other language by the setting.)
-2
German (Default. Can be switched to other language by the setting.)
-3
French (Default. Can be switched to other language by the setting.)
-4
Spanish (Default. Can be switched to other language by the setting.)
Case color
0
White (Light gray)
1
Black (Light charcoal gray)
Fixed code
-00
Always “-00” (for Standard Code Model)
Option codes
/AP
69 additional patterns/300 additional segments
/DR
Additional direct input (TC and 3-wire/4-wire RTD) and current input to Remote (1
additional aux. analog) input, 1 DI to be deleted (*3)
/HA
Heater break alarm (*4)
/DC
Power supply 24 V AC/DC
/CT
Coating (*5)
*1:
WhentheType2codeis“3”,only“0”canbespecifiedfortheType3code.
*2:
English, German, French, and Spanish are available for the guide display.
*3:
The/DRoptioncanbespecifiedonlywhentheType2codeis“1”or“4.”
*4:
The/HAoptioncanbespecifiedonlywhentheType1codeis“-0.”
*5:
Whenthe/CToptionisspecified,theUP55Adoesnotconformtothesafetystandards(ULandCSA)andCEmarking(Productswith/CT
option are not intended for EEA-market).
n
Itemstobespecifiedwhenordering
Modelandsuffixcodes,whetherUser’sManualand
QIC required.
n
Standard accessories
Terminal cover, Brackets (mounting hardware), Unit
label, and Operation Guide for Single-loop Control.
n
Special Order Items
Name
Model
Terminal cover
UTAP001
User’s Manual (CD)
UTAP003
Model code
Suffixcode
Description
LL50A
-00
Parameter Setting Software
X010
See the General
Specifications(*)
Resistance Module
*:
Necessary to input the current signal to the
voltage input terminal.
User’s Manual
Product user’s manuals can be downloaded or viewed
at the following URL. To view the user’s manual,
you need to use Adobe Reader 7 or later by Adobe
Systems.
URL: http://www.yokogawa.com/ns/ut/im/




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl