Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


GBU8005_18 Datasheet(PDF) 2 Page - Guangzhou Juxing Electronic Co., Ltd.

Part No. GBU8005_18
Description  BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangzhou Juxing Electronic Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo 

   
 2 page
background image
BRIDGE RECTIFIERS
GBU8005 THRU GBU810
Characteristic Curves (TA=25 ℃ unless otherwise noted)
NUMBER OF CYCLES AT 60 Hz
T
0.4
40
4
8
6
4
2
1
10
100
0
210
120
90
60
30
150
180
240
0
50
100
0.04
0.8
1.2
0.6
0.4
1.0
1.4
1.6
PERCEN OF RATED PEAK REVERSE VOLTAGE
TA=25°C
10
1.0
0.1
0.01
0
40
60
80
100
120
140
20
Fig. 1 Output Current Derating Curve
Fig. 3 Maximum Peak Forward Surge Current (per leg)
T = 25 C
Single Half Sine-Wave
Pulse Width = 8.3ms
(JEDEC Method)
A
°
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2Typical Forward Characteristics (per leg)
F
T= 25 C
Pulse Width = 300 s
A
°
µ
Fig. 4 Typical Junction Capacitance
150
T ,CASE TEMPERATURE , ( )
C
Single Phase Half Wave 60Hz
Resistive or inductive Load
http://www.trr-jx.com
version: 02




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl