Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


A1667 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. A1667
Description  True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

 
 5 page
background image
True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
A1667
5
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
CHARACTERISTIC PERFORMANCE
TA (°C)
Supply Current (Off) versus Ambient Temperature
14
12
10
8
6
4
2
0
0
100
50
-50
150
VCC (V)
VCC (V)
Supply Current (Off) versus Supply Voltage
14
12
10
8
6
4
2
0
10
20
0
30
10
20
0
30
TA (°C)
Supply Current (On) versus Ambient Temperature
14
12
10
8
6
4
2
0
0
100
50
-50
150
Supply Current (On) versus Supply Voltage
14
12
10
8
6
4
2
0
TA (°C)
Output Saturation Voltage versus Ambient Temperature
VCC = 12 V
180
160
140
120
100
80
60
40
20
0
0
100
50
-50
150
TA (°C)
25
150
–40
TA (°C)
25
150
–40
VCC (V)
12
24
4
VCC (V)
12
24
4
0
10
20
30
40
50
60
70
80
90
100
-50
0
50
100
150
TA (°C)
Switchpoints versus Ambient Temperature
BOP
BRP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl