Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1667 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1667
Description  True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1667 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1667 Datasheet HTML 6Page - Allegro MicroSystems A1667 Datasheet HTML 7Page - Allegro MicroSystems A1667 Datasheet HTML 8Page - Allegro MicroSystems A1667 Datasheet HTML 9Page - Allegro MicroSystems A1667 Datasheet HTML 10Page - Allegro MicroSystems A1667 Datasheet HTML 11Page - Allegro MicroSystems A1667 Datasheet HTML 12Page - Allegro MicroSystems A1667 Datasheet HTML 13Page - Allegro MicroSystems A1667 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
A1667
10
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
BRP
BOP
BOP
BOP(initial)
BRP(initial)
1
4
2
3
Start Mode
Hysteresis, POHYS
Output Signal, VOUT
If exceed PO
HYS
on high side
If exceed PO
HYS
on low side
IC Position
Relative to Target
Target Magnetic Profile
Differential Signal, VPROC
Target, Ring Magnet
N
S
S
START MODE HYSTERESIS
This feature helps to ensure optimal self-calibration by rejecting
electrical noise and low-amplitude target vibration during
initialization.ThispreventsAGCfromcalibratingtheIConsuch
spurious signals. Calibration can be performed using the actual
target features.
Atypicalscenarioisshowninfigure6.TheStartModeHysteresis,
POHYS, is a minimum level of the peak-to-peak amplitude of the
internal analog electrical signal, VPROC, that must be exceeded
before the A1667 starts to compute switchpoints.
Figure 6. Operation of Start Mode Hysteresis
• At power-on (position 1), the A1667 begins sampling VPROC.
• At the point where the Start Mode Hysteresis, POHYS, is exceeded, the device establishes an initial switching threshold, by using the Continuous
Update algorithm. If VPROC is falling through the limit on the low side (position 2), the switchpoint is BRP, and if VPROC is rising through the limit on the
high side (position 4), it is BOP . After this point, Start Mode Hysteresis is no longer a consideration. Note that a valid VPROC value exceeding the Start
Mode Hysteresis can be generated either by a legitimate target feature or by excessive vibration.
• In either case, because the switchpoint is immediately passed as soon as it is established, the A1667 enables switching:
--If on the low side, at BRP (position 2) the output would switch from low to high. However, because output is already high, no output switching occurs.
At the next switchpoint, where BOP is passed (position 3), the output switches from high to low.
--If on the high side, at BOP (position 4) the output switches from high to low.
As this example demonstrates, initial output switching occurs with the same polarity, regardless of whether the Start Mode Hysteresis is exceeded on the
high side or on the low side.


Similar Part No. - A1667

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A16601 ALLEGRO-A16601 Datasheet
740Kb / 13P
   AC-Coupled Differential Crankshaft Speed Sensor IC
A16601PUCF ALLEGRO-A16601PUCF Datasheet
740Kb / 13P
   AC-Coupled Differential Crankshaft Speed Sensor IC
logo
Hitachi Semiconductor
A16631 HITACHI-A16631 Datasheet
700Kb / 20P
   Read Amplifier
logo
KEC(Korea Electronics)
A16631 KEC-A16631 Datasheet
312Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Savantic, Inc.
A1668 SAVANTIC-A1668 Datasheet
244Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - A1667

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
A1688 ALLEGRO-A1688 Datasheet
584Kb / 10P
   Two-Wire, True Zero-Speed, High Accuracy Sensor IC
ATS667LSG ALLEGRO-ATS667LSG Datasheet
330Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS668LSM ALLEGRO-ATS668LSM Datasheet
1Mb / 13P
   True Zero-Speed High-Accuracy Gear Tooth Sensor IC
ATS627LSG ALLEGRO-ATS627LSG Datasheet
504Kb / 22P
   True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
ATS627 ALLEGRO-ATS627 Datasheet
504Kb / 22P
   True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS625LSG ALLEGRO-ATS625LSG Datasheet
538Kb / 21P
   True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
A1698 ALLEGRO-A1698 Datasheet
573Kb / 13P
   Two-Wire, True Zero-Speed, High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com