Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


A1667 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part No. A1667
Description  True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

 
 13 page
background image
True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
A1667
13
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Package K, 4-Pin SIP
2
4
3
1
E1
E2
1.50
2.20
0.84 REF
1.27 NOM
2.16
MAX
45°
45°
D Active Area Depth, 0.43 ±0.011 mm
Hall elements (E1 and E2); not to scale
D
E
E
E
E
E
B
1.32
Gate and tie bar burr area
A
B
C
Dambar removal protrusion (8×)
A
C
For Reference Only; not for tooling use (reference DWG-9010)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Standard Branding Reference View
N = Device part number
Y = Last two digits of year of manufacture
W = Week of manufacture
Mold Ejector
Pin Indent
Branded
Face
YYWW
NNNN
1
5.21 +0.08
–0.05
0.38 +0.06
–0.03
3.43 +0.08
–0.05
0.41 +0.07
–0.05
14.73 ±0.51
1.55 ±0.05
Branding scale and appearance at supplier discretion




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl