Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


A1667 Datasheet(PDF) 14 Page - Allegro MicroSystems

Part No. A1667
Description  True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

 
 14 page
background image
True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
A1667
14
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
For Reference Only – Not for Tooling Use
(Reference DWG-0000385)
Dimensions in millimeters– NOTTO SCALE
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
SEATING
PLANE
2
1
2
1
1
8
1.27 BSC
A
B
B
C
D
E
C
A
D
Branding scale and appearance at supplier discretion
B
B
0.65
1.27
5.60
1.75
0.10
0.25 BSC
4.90 BSC
3.90 BSC
0.41 ±0.10
6.00 BSC
0.21 ±0.04
0.84+0.43
–0.44
0.15+0.10
–0.05
1.62+0.13
–0.27
8
1.95
2.20
E
E
E1
E2
SEATING PLANE
GAUGE PLANE
PCB Layout Reference View
Standard Branding Reference View
= Device part number
= Supplier emblem
= Last two digits of year of manufacture
= Week of manufacture
= Lot number
N
Y
W
L
NNNNNNN
LLLL
YYWW
Active Area Depth, 0.40 mm NOM
Reference land pattern layout (reference IPC7351 SOIC127P600X175-8M);
all pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances
Terminal #1 mark area
Hall elements (E1 and E2); not to scale
1.35
Package L, 8-Pin SOIC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl