Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


SEMIX151GAR12E4S_13 Datasheet(PDF) 2 Page - Semikron International

Part No. SEMIX151GAR12E4S_13
Description  Trench IGBT Modules
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMIKRON [Semikron International]
Homepage  http://www.semikron.com
Logo 

   
 2 page
background image
SEMiX151GAR12E4s
2
Rev. 3 – 03.07.2013
© by SEMIKRON
td(on)
VCC = 600 V
IC =150 A
VGE =±15 V
RG on =1 
RG off =1 
di/dton = 3900 A/µs
di/dtoff =2000 A/µs
Tj =150 °C
204
ns
tr
Tj =150 °C
42
ns
Eon
Tj =150 °C
16.6
mJ
td(off)
Tj =150 °C
468
ns
tf
Tj =150 °C
91
ns
Eoff
Tj =150 °C
18.4
mJ
Rth(j-c)
per IGBT
0.19
K/W
Inverse diode
VF = VEC
IF = 150 A
VGE =0 V
chiplevel
Tj =25 °C
2.1
2.46
V
Tj =150 °C
2.1
2.4
V
VF0
chiplevel
Tj =25 °C
1.1
1.3
1.5
V
Tj =150 °C
0.7
0.9
1.1
V
rF
chiplevel
Tj =25 °C
4.3
5.6
6.4
m
Tj =150 °C
6.7
7.8
8.5
m
IRRM
IF = 150 A
di/dtoff =3400 A/µs
VGE =-15 V
VCC = 600 V
Tj =150 °C
115
A
Qrr
Tj =150 °C
23
µC
Err
Tj =150 °C
8.9
mJ
Rth(j-c)
per diode
0.31
K/W
Freewheeling diode
VF = VEC
IF = 150 A
VGE =0 V
chiplevel
Tj =25 °C
2.1
2.46
V
Tj =150 °C
2.1
2.4
V
VF0
chiplevel
Tj =25 °C
1.1
1.3
1.5
V
Tj =150 °C
0.7
0.9
1.1
V
rF
chiplevel
Tj =25 °C
4.3
5.6
6.4
m
Tj =150 °C
6.7
7.8
8.5
m
IRRM
IF = 150 A
di/dtoff =3400 A/µs
VGE =-15 V
VCC = 600 V
Tj =150 °C
115
A
Qrr
Tj =150 °C
23
µC
Err
Tj =150 °C
8.9
mJ
Rth(j-c)
per diode
0.31
K/W
Module
LCE
16
nH
RCC'+EE'
res., terminal-chip
TC =25°C
0.7
m
TC =125 °C
1m
Rth(c-s)
per module
0.075
K/W
Ms
to heat sink (M5)
3
5
Nm
Mt
to terminals (M6)
2.5
5
Nm
Nm
w
145
g
Temperature Sensor
R100
Tc=100°C (R25=5 k)
493 ± 5%
B100/125
R(T)=R100exp[B100/125(1/T-1/T100)]; T[K];
3550
±2%
K
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
SEMiX® 1s
GAR
Trench IGBT Modules
SEMiX151GAR12E4s
Features
• Homogeneous Si
• Trench = Trenchgate technology
•VCE(sat) with positive temperature
coefficient
• High short circuit capability
• UL recognized, file no. E63532
Typical Applications*
•AC inverter drives
•UPS
• Electronic Welding
Remarks
• Case temperature limited to TC=125°C
max.
• Product reliability results are valid for
Tj=150°C




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl