Electronic Components Datasheet Search
Selected language     English  â–¼
Advanced Search

              



Part Name


K-LD2-EVAL Datasheet(PDF) 12 Page - RFbeam Microwave GmbH

Part No. K-LD2-EVAL
Description  radar transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

 
 12 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen |
www.rfbeam.ch | K-LD2-EVAL | data sheet
06/2017- Revision A | Page 12/13
Figure 7: Schematic
Table 3: Bill of material
Figure 8: Assembly information
Pos.
#
Reference
Typ
Case
Description
1
1.00
A1
RFB_560C
–
PCB 2 Layer
2
1.00
D1
LTST-S270KFKT
0603
SMD LED 0603 right angle orange
3
1.00
D2
LTST-S270GKT
0603
SMD LED 0603 right angle green
4
2.00
P1, P2
10 k
SMD
Potentiometer 10 k
5
2.00
R1, R2
6.8 k
0603
Resistor 1% 0.063 W
6
1.00
R3
200 R
0603
Resistor 1% 0.063 W
7
1.00
R4
100 R
0603
Resistor 1% 0.063 W
8
1.00
X1
Male Header 6-Pin
THT
Header, 6-Pin, pitch = 2.54 mm
9
1.00
X2
Female Header 2x8-Pin
SMD
Female Header, 8-Pin, Dual row, Bottom entry
Schematic
Bill of materials
Assembly




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl