Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


K-MC1 Datasheet(PDF) 7 Page - RFbeam Microwave GmbH

Part No. K-MC1
Description  RADAR TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

   
 7 page
background image
K-MC1 RADAR TRANSCEIVER
Datasheet
Sampling sequence
To simplify signal processing sequence, output sampling may be done immediately after /ENABLE
goes high (1) or before next /ENABLE (2).
Both methods have their advantages and disadvantages:
-
Sampling point (1) contains a constant overshoot, i.e. sampled output signal becomes shifted by
a constant DC component. There is no loss of sensitivity.
-
Sampling point (2) corresponds to the real mixer output, as long as sleep time is short enough. But
with longer off times, signal amplitude decreases.
As a rule of thumb: with a repeat frequency of 1kHz (duty cycle of 7Āµs/1ms = 0.7%) amplitude loss is
3dB approx. This situation is shown in the figure below.
Sampling signal (tc = 1ms, ton = 7us)
Output signal decreases during the off-period with
a timeconstant of 4.8ms approx.
Fig. 8: x_AC output amplitude decreases during sleep time.
Ā© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 7/8
1Āµs/div




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl