Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


K-MC1 Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part No. K-MC1
Description  RADAR TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

   
 1 page
background image
K-MC1 RADAR TRANSCEIVER
Datasheet
Features
24 GHz short range transceiver
180 MHz sweep FM input
High sensitivity, with integrated RF/IF amplifier
Dual 30 patch antenna
Buffered I/Q IF outputs
Additional DC IF outputs
Beam aperture 25°/12°
RSW Rapid Sleep Wakeup
Slim 6mm thickness construction
Applications
Traffic supervision
Object speed measurement systems
Ranging and distance detection
Industrial sensors
Description
K-MC1 is a 60 patch doppler module with an
asymmetrical narrow beam for long distance
sensors. It is ideally suited for traffic supervi-
sion.
This module includes a RF low noise amplifier
and two 47dB IF preamplifiers for both I and Q
channels. The need for external analogue
electronics will be significantly reduced by this
feature.
For
special
signal
condition
applications, an additional buffered Mixer DC
output is provided. This greatly improves
flexibility in FSK ranging applications.
The unique "RSW" Rapid Sleep Wakeup func-
tion with <4us wakeup time makes this module
ideal for battery operated equipment. Typical
duty cycle in RWS mode may be < 1% with full
movement detection capability by sampling the
IF signals.
An extremely slim construction with only 6mm
depth gives you maximum flexibility in your
equipment design.
Powerful starter kits with signal conditioning
and visualization are available.
Blockdiagram
Fig. 1: K-MC1 Blockdiagram
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 1/8
Tx
Rx
24.125 GHz VCO
S&H
S&H
Rapid Sleep Wakeup
I_AC
I_DC
Q_AC
Q_DC
Q_DC
/Enable
FM input
LNA
47dB
15dB
15dB
47dB




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl