Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


K-MC4 Datasheet(PDF) 5 Page - RFbeam Microwave GmbH

Part No. K-MC4
Description  MONOPULSE RADAR TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

 
 5 page
background image
K-MC4 MONOPULSE RADAR TRANSCEIVER
Datasheet
FM Characteristics
Frequency modulation allows FSK (Frequency Shift Keying) and FMCW (Frequency Modulation
Continuous Wave) techniques for ranging applications.
For optimal FMCW results, the VCO characteristic should be linearized by the driving software.
Fig. 4: Typical frequency vs. VCO voltage
Pin Configuration
Pin
Description
Typical Value
1
/Enable
GND: module active
2
VCC
5V supply
3
GND
0V supply
4
Q1: Rx1 IF output
Q Output from Rx1
5
I1: Rx1 IF output
I Output from Rx1
6
VCO in
5V = f0
(Range 0 ..10V)
7
Q2: Rx2 IF output
Q output from Rx2
8
I2: Rx2 IF output
I output from Rx2
Ordering Information
Module Part #: K-MC4 Transceiver
(includes Mounting Plate Type1)
Ā© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 5/11
f
0




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl