Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


K-TS1 Datasheet(PDF) 9 Page - RFbeam Microwave GmbH

Part No. K-TS1
Description  RADAR TESTSYSTEM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

 
 9 page
background image
K-TS1 RADAR TESTSYSTEM
Datasheet
Select and Setting Tuning mode: (will become permanently stored in EEPROM)
(Step 1:)
[Enter]
If necessay, terminate a previous cyclic display
Step 2:
[s]
[Enter]
Go to Setup Page
Step 3:
[m]
[1]
[Enter]
Select Tuning Mode
Step 4:
[b]
nn.nnn
[Enter]
Set lower limit of OK range
Step 5:
[n]
nn.nnn
[Enter]
Set higher limit of OK range
Step 6:
[x]
[Enter]
SAVE SETTINGS and return to main page
Step 8:
Changes take place only after power on
RFbeam K-TS1 24GHz Test System #09160210
==============================================
Sub-Page 'Setup'
[m] Operating Mode
:
Tuning [0,1,2]
(*)
[b] Tuning Frequency low
:
24.100 [23.300-24.900GHz] (*)
[n] Tuning Frequency high
:
24.150 [23.300-24.900GHz] (*)
0 = Normal, 1 = Tuning, 2 = Testbench
[b] used in Tuning Mode only: 80% PWM
[n] ] used in Tuning Mode only: 60% PWM
[a] Identification
:
09160210
[s] Oscillator Power
:
7.0
[dBm]
[d] Antenna Gain
:
12.0
[dBi]
[f] Antenna Center Frequency :
24.100 [GHz]
[g] Antenna Loss low
:
5.0
[dB]
[h] Antenna Loss high
:
10.0
[dB]
[j] IF1 Gain
:
0.2
[dB]
[k] IF2 Gain
:
1.0
[dB]
[l] AUX Loss
:
0.0
[dB]
[y] Target Conversion Loss
:
1.5
[dB]
[-] Target Amplitude I
:
48
[%]
[-] Target Amplitude Q
:
42
[%]
[-] Target Offset I
:
210
[mV]
[-] Target Offset Q
:
188
[mV]
[-] Target Phase I/Q
:
108
[Deg]
FACTORY SETTINGS
DO NOT ALTER!
[x] Leave Setup and store User Parameters (*)
==>
Choosing x key turns to main page
Changing become active after power on
Fig. 10: Settings for "Tuning Mode"
Test Bench Mode
A personalized Windows PC based Testbench Software may be purchased at www.rfbeam.ch. Get
more informations at info@rfbeam.ch.
Purpose:
This mode corresponds fully to the Normal Mode, exept the digital I/O capabilities. In this mode, K-TS1
can be used in an Automated Test Equipment (ATE) for testing Radar Transceivers. It features a
digital input, represented as 'CTS' modem signal. It may be used for starting a test procedure e.g. A
digital output represents an 'RTS' modem signal and may be used for driving a "pass" LED or similar.
Digital Input:
Digital Input is available at TTL I/O Connection, Pin 1(pulled up) and Pin 3(GND). You may directly
connect a switch or an open collector driver to these pins. This input is represented by the 'CTS'
modem signal at the USB serial connection.
Switch open: CTS active
Digital Output:
Digital Output is available at TTL I/O Connection, Pin 2(+) and Pin 3(GND).
An LED may be driven via a series resistor by TTL I/O Connection.
Selecting Testbench Mode: (will become permanently stored in EEPROM)
(Step 1:)
[Enter]
If necessay, terminate a previous cyclic display
Step 2:
[s]
[Enter]
Go to Setup Page
Step 3:
[m]
[2]
[Enter]
Select Testbench Mode
Step 4:
[x]
[Enter]
SAVE SETTINGS and return to main page
Step 5:
Changes take place only after power on
Ā© RFbeam Microwave GmbH www.rfbeam.ch
2011-03-11
Page 9/13




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl