Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


K-TS1 Datasheet(PDF) 12 Page - RFbeam Microwave GmbH

Part No. K-TS1
Description  RADAR TESTSYSTEM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

 
 12 page
background image
K-TS1 RADAR TESTSYSTEM
Datasheet
Connector and Pin Configuration
USB Connection
This cable is delivered together with K-TS1.
You may use a standard USB cable with USB type A and mini USB type B connectors.
Cable Side Type
Manufacturer Example
Distributor Example
Mini USB type B
USB A <--> Mini USB B cable 3m
Lumberg 2480-03
Farnell #1308880
DC Power Supply Connection
This cable is delivered together with K-TS1.
Cable Side Type
Manufacturer Example
Distributor Example
0.7mm EIAJ DC connector
Lumberg 163 601
Farnell #1216982
TTL I/O Connection
This connection is activated in the modes "Tuning" and "Testbench" only.
See chapter Special I/O Settings.
Cable Side Type
Manufacturer Example
Distributor Example
Case JST PHR-3
JST
Farnell #3616198
Crimp contacts
JST SPH-002T-P0.5S
JST
Farnell #3617210
Pin
Function in Tuning Mode
Function in Testbench Mode
1
PWM output for analog instrument
Input with 47k pull up. Routed to 'CTS' modem signal
2
'OK' output = high, if frequency in range
Output, routed from 'RTS' modem signal
3
GND
GND
Auxiliary RF Power Input
This connection is needed only, if you need to measure external RF power.
Cable Side Type
Manufacturer Example
Distributor Example
11 MCX-50-1-1/111OE
for RG178 coax cable
Huber & Suhner
Farnell #4163436
Ā© RFbeam Microwave GmbH www.rfbeam.ch
2011-03-11
Page 12/13
DC
TTL I/O
RF In
USB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl