Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


KNB2520 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. KNB2520
Description  Polypropylene film, metallized
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
1
KNB2520
KNB2522, KNB2523
Electrical connection
TECHNICAL DATA
Construction:
polypropylene film, metallized
Rated voltage:
250 V A.C., 300 V A.C.
Capacitance tolerance:
± 20 %, ± 10 %
Climatic category:
40/100/56
according to IEC 60068-1
Passive flammability:
according to IEC 60384-14
Temperature range:
- 40 °C to + 100 °C
Test voltage:
4000 V D.C., 1 s
Max. pulse rise time du/dt,
at 425 V D.C.:
3000 V/μs for 1000 pF
2500 V/μs for 1500 pF
2000 V/μs for 2200 pF up to
6800 pF PCM10
1500 V/μs for PCM ≥ 15
according to IEC 60384-14
Insulation resistance at 20 °C,
Um = 100 V D.C., t =1 min:
Ri ≥ 15000 MΩ
Dielectric loss tan
δ
at f = 1 kHz and 20 °C:
≤ 15 × 10-4
Soldering:
IEC 60068-2-20, max. 2 s
Soldering time on printed circuit:
max. 5 s at 270 °C
Self inductance:
approx. 10nH/cm of capacitors
lenght and terminals
Complies to:
IEC 60384-14, EN 60384-14,
UL 1283, UL 1414,
CSA C22.2 No.1, CSA E384-14,
CSA C22.2 No.8,
GB/T 14472-1998
Capacitors
Type KNB2520
250 V AC
300 V AC
class Y2
Type KNB2522
Type KNB2523




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl