Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF96 Datasheet(PDF) 17 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 17 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 121 page
background image
Page 17
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Table 55 LoRa Receiver Specification.
Symbol
Description
Conditions
Min.
Typ
Max
Unit
IDDR_L
Supply current in receiver LoraTM
mode, LnaBoost off
Lower Bands, Lower BW
Lower Bands, BW = 125 kHz
Lower Bands, BW = 250 kHz
Lower Bands, BW = 500 kHz
-
-
-
-
TBC
11.5
12.4
13.8
-
-
-
-
mA
mA
mA
mA
Higher Bands, Lower BW
Higher Bands, BW = 125 kHz
Higher Bands, BW = 250 kHz
Higher Bands, BW = 500 kHz
-
-
-
-
TBC
10.3
11.1
12.6
-
-
-
-
mA
mA
mA
mA
IDDT_L
Supply current in transmitter mode
RFOP = 13 dBm
RFOP = 7 dBm
-
-
28
20
-
-
mA
mA
IDDT_H_L
Supply current in transmitter mode
with an external impedance
transformation
Using PA_BOOST pin
RFOP = 17 dBm
-
90
-
mA
BI_L
Blocking immunity, FRF=868 MHz
CW interferer
offset = +/- 1 MHz
offset = +/- 2 MHz
offset = +/- 10 MHz
-
TBC
TBC
TBC
dB
dB
dB
IIP3_L_HF
3rd order Input Intercept point
Unwanted tones are 1MHz and 1.995
MHz above the LO
Higher bands
Highest LNA gain G1
LNA gain G2, 4dB sensitivity hit
-
-
-12.5
-8.5
-
-
dBm
dBm
IIP3_L_LF
3rd order Input Intercept point
Unwanted tones are 1MHz and 1.995
MHz above the LO
Lower bands
Highest LNA gain G1
LNA gain G2, 2.5dB sensitivity
hit
-
-
-22
-16
-
-
dBm
dBm
IIP2_L
2nd order input intercept point,
highest LNA gain, FRF=868 MHz,
CW interferer.
F1 = FRF + 20 MHz
F2 = FRF+ 20 MHz +
Δf
-
+55
-
dBm
BR_L
Bit rate, Long-Range Mode
From SF6, BW=500kHz to
SF12, BW=7.8kHz
0.018
-
37.5
kbps
RFS_L10
RF sensitivity, Long-Range Mode,
highest LNA gain, LNA boost for
higher bands, using split Rx/Tx path
10.4 kHz bandwidth
SF = 6
SF = 7
SF = 8
SF = 9
SF = 10
SF = 11
SF = 12
-
-
-
-
-
-
-
TBC
-134
TBC
TBC
TBC
TBC
TBC
-
-
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
dBm
dBm
RFS_L62
RF sensitivity, Long-Range Mode,
highest LNA gain, LNA boost for
higher bands, using split Rx/Tx path
62.5 kHz bandwidth
SF = 6
SF = 7
SF = 8
SF = 9
SF = 10
SF = 11
SF = 12
-
-
-
-
-
-
-
-121
-126
-129
-132
-135
-137
-139
-
-
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
dBm
dBm
Table 56. Electrical specifications: Lora
TM mode


Similar Part No. - RF96

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF9668 REYCONNS-RF9668 Datasheet
299Kb / 5P
   SAW Filter
RF9671 REYCONNS-RF9671 Datasheet
513Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9678PCBA RFMD-RF9678PCBA Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
logo
REYCONNS CHINA LIMITED
RF9694 REYCONNS-RF9694 Datasheet
511Kb / 5P
   SAW Filter
More results

Similar Description - RF96

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
logo
Microchip Technology
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com