Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF96 Datasheet(PDF) 21 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 21 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
Page 21
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
All major parameters of the RF front end and digital state machine are fully configurable via an SPI interface which gives
access to RF96/97/98
‟s configuration registers. This includes a mode auto sequencer that oversees the transition and
calibration of the RF96/97/98 between intermediate modes of operation in the fastest time possible.
The RF96/97/98 are equipped with both standard FSK and long range spread spectrum (LoRaTM) modems. Depending
upon the mode selected either conventional OOK or FSK modulation may be employed or the LoRaTM spread spectrum
modem.
3.1. LoRa
TM Modem
The LoRaTM modem uses a proprietary spread spectrum modulation technique. This modulation, in contrast to legacy
modulation techniques, permits an increase in link budget and increased immunity to in-band interference. At the same
time the frequency tolerance requirement of the crystal reference oscillator is relaxed - allowing a performance increase for
a reduction in system cost. For a fuller description of the design trade-offs and operation of the RF96/97/98 please
consult Section 4.1 of the datasheet.
3.2. FSK/OOK Modem
In FSK/OOK mode the RF96/97/98 supports standard modulation techniques including OOK, FSK, GFSK, MSK and
GMSK. The RF96/97/98 is especially suited to narrow band communication thanks the low-IF architecture employed and
the built-in AFC functionality. For full information on the FSK/OOK modem please consult Section 4.2 of this document.


Similar Part No. - RF96

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF9668 REYCONNS-RF9668 Datasheet
299Kb / 5P
   SAW Filter
RF9671 REYCONNS-RF9671 Datasheet
513Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9678PCBA RFMD-RF9678PCBA Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
logo
REYCONNS CHINA LIMITED
RF9694 REYCONNS-RF9694 Datasheet
511Kb / 5P
   SAW Filter
More results

Similar Description - RF96

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
logo
Microchip Technology
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com