Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF96 Datasheet(PDF) 29 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 29 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
Page 29
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.1.2. LoRa
TM Digital Interface
The LoRaTM modem comprises three types of digital interface, static configuration registers, status registers and a FIFO
data buffer. All are accessed through the RF96/97/98
‟s SPI interface - full details of each type of register are given below.
Full listings of the register addresses used for SPI access are given in Section 6.4.
4.1.2.1. LoRa
TM Configuration Registers
Configuration registers are accessed through the SPI interface. Registers are readable in all device mode including Sleep.
However, they should be written only in Sleep and Stand-by modes. Please note that the automatic top level
sequencer (TLS modes) are not available in LoRaTM mode
and the configuration register mapping changes as
shown in Table
85. The content of the LoRaTM configuration registers is retained in FSK/OOK mode. For the functionality of
mode registers common to both FSK/OOK and LoRaTM mode, please consult the Analog and RF Front End section of this
document (Section 5).
4.1.2.2. Status Registers
Status registers provide status information during receiver operation.
4.1.2.3. LoRa
TM Mode FIFO Data Buffer
Overview
The RF96/97/98 is equipped with a 256 byte RAM data buffer which is uniquely accessible in LoRa mode. This RAM
area, thereafter reffered to as the FIFO Data buffer, is fully customizable by the user and allows access to the received, or
to be transmitted, data. All access to the LoRaTM FIFO data buffer is done via the SPI interface. A diagram of the user
defined memory mapping of the FIFO data buffer is shown below. These FIFO data buffer can be read in all operating
modes except sleep and store data related to the last receive operation performed. It is automatically cleared of old content
upon each new transition to receive mode.
Figure 7. LoRa
TM data buffer


Similar Part No. - RF96

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF9668 REYCONNS-RF9668 Datasheet
299Kb / 5P
   SAW Filter
RF9671 REYCONNS-RF9671 Datasheet
513Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9678PCBA RFMD-RF9678PCBA Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
logo
REYCONNS CHINA LIMITED
RF9694 REYCONNS-RF9694 Datasheet
511Kb / 5P
   SAW Filter
More results

Similar Description - RF96

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
logo
Microchip Technology
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com