Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF96 Datasheet(PDF) 51 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 51 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 53Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 54Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 121 page
background image
Page 51
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.5.1. Transmitter Startup Time
The transmitter startup time, TS_TR, is calculated as follows in FSK mode:
TS _ TR = 5
μs +1.25× PaRamp +
1
×Tbit
2
,
where PaRamp is the ramp-up time programmed in RegPaRamp and Tbit is the bit time.
In OOK mode, this equation can be simplified to the following:
TS _ TR = 5
μs +
1
× Tbit
2
4.2.5.2. Receiver Startup Time
The receiver startup time, TS_RE, only depends upon the receiver bandwidth effective at the time of startup. When AFC is
enabled (AfcAutoOn=1), AfcBw should be used instead of RxBw to extract the receiver startup time:
Table 68 Receiver Startup Time Summary
RxBw if AfcAutoOn=0
RxBwAfc if AfcAutoOn=1
TS_RE
(+/-5%)
2.6 kHz
2.33 ms
3.1 kHz
1.94 ms
3.9 kHz
1.56 ms
5.2 kHz
1.18 ms
6.3 kHz
984 us
7.8 kHz
791 us
10.4 kHz
601 us
12.5 kHz
504 us
15.6 kHz
407 us
20.8 kHz
313 us
25.0 kHz
264 us
31.3 kHz
215 us
41.7 kHz
169 us
50.0 kHz
144 us
62.5 kHz
119 us
83.3 kHz
97 us
100.0 kHz
84 us
125.0 kHz
71 us
166.7 kHz
85 us
200.0 kHz
74 us
250.0 kHz
63 us
TS_RE or later after setting the device in Receive mode, any incoming packet will be detected and demodulated by the
transceiver.


Similar Part No. - RF96

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF9668 REYCONNS-RF9668 Datasheet
299Kb / 5P
   SAW Filter
RF9671 REYCONNS-RF9671 Datasheet
513Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9678PCBA RFMD-RF9678PCBA Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
logo
REYCONNS CHINA LIMITED
RF9694 REYCONNS-RF9694 Datasheet
511Kb / 5P
   SAW Filter
More results

Similar Description - RF96

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
logo
Microchip Technology
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com