Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF96 Datasheet(PDF) 59 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 59 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 63Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 121 page
background image
Page 59
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.8.4. Sequencer State Machine
The following graphs summarize every possible transition between each Sequencer state. The Sequencer states are
highlighted in grey. The transitions are represented by arrows. The condition activating them is described over the
transition arrow. For better readability, the start transitions are separated from the rest of the graph.
Transitory states are highlighted in light grey, and exit states are represented in red. It is also possible to force the
Sequencer off by setting the Stop bit in RegSeqConfig1 to 1 at any time.
Sequencer: Start transitions
Sequencer Off
&
Initial mode = Sleep or Standby
On SequencerStart bit rising edge
If FromStart = 00
Start
On FifoThreshold
if FromStart = 11
If FromStart = 01 If FromStart = 10
LowPower
Selection
Receive
Transmit
Sequencer: State machine
If LowPowerSelection = 1
Standby
if IdleMode = 0
Sleep
if IdleMode = 1
LowPower
Selection
If LowPowerSelection = 0
( Mode   Initial mode )
Sequencer Off
Idle
If FromPacketReceived = 000
If FromPacketReceived = 010
On T1 if FromIdle = 0
On T1 if FromIdle = 1
Packet
Received
On PayloadReady
if FromReceive = 010
If FromPacketReceived = 100
Via FS mode if FromPacketReceived = 011
On T2
On PayloadReady if FromReceive = 001
On CrcOk if FromReceive = 011
On PayloadReady if FromReceive = 011
(CRC failed and CrcAutoClearOn=0)
On RxTimeout
Receive
On Rssi if FromReceive = 100
On SyncAdress if FromReceive = 101
On Preamble if FromReceive = 110
On PacketSent
if FromTransmit = 1
On PacketSent
If FromRxTimeout = 10
Via ReceiveRestart
if FromRxTimeout = 00
Transmit
if FromTransmit = 0
RxTimeout
If FromRxTimeout = 11
If FromRxTimeout = 01
Sequencer Off
Figure 24. Sequencer State Machine


Similar Part No. - RF96

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF9668 REYCONNS-RF9668 Datasheet
299Kb / 5P
   SAW Filter
RF9671 REYCONNS-RF9671 Datasheet
513Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9678PCBA RFMD-RF9678PCBA Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
logo
REYCONNS CHINA LIMITED
RF9694 REYCONNS-RF9694 Datasheet
511Kb / 5P
   SAW Filter
More results

Similar Description - RF96

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
logo
Microchip Technology
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com