Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF96 Datasheet(PDF) 81 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 81 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 77Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 78Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 79Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 80Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 81Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 82Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 85Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 121 page
background image
Page 81
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Table 82 LNA Gain Control and Performances
RX input level (Pin)
Gain
Setting
LnaGain
Relative LNA
Gain [dB]
NF
Lower/Higher
band
[dB]
IIP3
Lower/Higher
band [dBm]
Pin <= AgcThresh1
G1
„001‟
0 dB
5/7
-22/-12
AgcThresh1 < Pin <= AgcThresh2
G2
„010‟
-6 dB
9/11
-15/-8
AgcThresh2 < Pin <= AgcThresh3
G3
„011‟
-12 dB
TBC
AgcThresh3 < Pin <= AgcThresh4
G4
„100‟
-24 dB
AgcThresh4 < Pin <= AgcThresh5
G5
„110‟
-26 dB
AgcThresh5 < Pin
G6
„111‟
-48 dB
5.5.4. RSSI in FSK/OOK Mode
The RSSI provides a measure of the incoming signal power at RF input port, measured within the receiver bandwidth. The
signal power is available in RssiValue. This value is absolute in units of dBm and with a resolution of 0.5 dB. The formula
below relates the register value to the absolute input signal level at the RF input port:
RssiValue =
−2⋅ RF level[dBm]+ RssiOffset [dB]
The RSSI value can be compensated to take into account the loss in the matching network or even the gain of an
additional LNA by using RssiOffset. The offset can be chosen in 1 dB steps from -16 to +15 dB. When compensation is
applied, the effective signal strength is read as follows:
RSSI [dBm] =
RssiValue
2
The RSSI value is smoothed on a user defined number of measured RSSI samples. The precision of the RSSI value is
related to the number of RSSI samples used. RssiSmoothing selects the number of RSSI samples from a minimum of 2
samples up to 256 samples in increments of power of 2. Table 83 gives the estimation of the RSSI accuracy for a 10
dB
SNR and response time versus the number of RSSI samples programmed in RssiSmoothing.


Similar Part No. - RF96

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF9668 REYCONNS-RF9668 Datasheet
299Kb / 5P
   SAW Filter
RF9671 REYCONNS-RF9671 Datasheet
513Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9678PCBA RFMD-RF9678PCBA Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
logo
REYCONNS CHINA LIMITED
RF9694 REYCONNS-RF9694 Datasheet
511Kb / 5P
   SAW Filter
More results

Similar Description - RF96

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
logo
Microchip Technology
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com