Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF97 Datasheet(PDF) 15 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 15 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 121 page
background image
Page 15
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
ACR
Adjacent Channel Rejection
FDA = 5 kHz, BR=4.8kb/s
Offset = +/- 25 kHz or +/- 50kHz
169MHz Band
434 MHz Band
8-900 MHz Band
-
-
-
59
56
50
-
-
-
dB
dB
dB
BI_HF
Blocking Immunity, higher bands
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
71
76
84
-
-
-
dB
dB
dB
BI_LF
Blocking Immunity, lower bands
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
71
72
78
-
-
-
dB
dB
dB
IIP2
2nd order Input Intercept Point
Unwanted tones are 20 MHz
above the LO
Highest LNA gain
-
+55
-
dBm
IIP3_HF
3rd order Input Intercept point
Unwanted tones are 1MHz and
1.995 MHz above the LO
Higher bands
Highest LNA gain G1
LNA gain G2, 4dB sensitivity hit
-
-
-12.5
-8.5
-
-
dBm
dBm
IIP3_LF
3rd order Input Intercept point
Unwanted tones are 1MHz and
1.995 MHz above the LO
Lower bands
Highest LNA gain G1
LNA gain G2, 2.5dB sensitivity hit
-
-
-22
-16
-
-
dBm
dBm
BW_SSB
Single Side channel filter BW
Programmable
2.7
-
250
kHz
IMR
Image Rejection
Wanted signal 3dB over sensitivity
BER=0.1%
-
48
-
dB
IMA
Image Attenuation
-
57
-
dB
DR_RSSI
RSSI Dynamic Range
AGC enabled
Min
Max
-
-
-127
0
-
-
dBm
dBm
*
RxBw = 83 kHz (Single Side Bandwidth)
**
RxBw = 50 kHz (Single Side Bandwidth)
***
RxBw = 250 kHz (Single Side Bandwidth)
2.4.4. FSK/OOK Mode Transmitter
Table 54 Transmitter Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
RF_OP
RF output power in 50 ohms
on RFO pin (High efficiency PA).
Programmable with steps
Max
Min
+11
-
+14
-1
-
-
dBm
dBm
ΔRF_
OP_V
RF output power stability on RFO
pin versus voltage supply.
VDD = 2.5 V to 3.3 V
VDD = 1.8 V to 3.7 V
-
-
3
8
-
-
dB
dB
RF_OPH
RF output power in 50 ohms, on
PA_BOOST pin (Regulated PA).
Programmable with 1dB steps
Max
Min
-
-
+17
+2
-
-
dBm
dBm


Similar Part No. - RF97

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF9715 REYCONNS-RF9715 Datasheet
513Kb / 5P
   SAW Filter
RF9761 REYCONNS-RF9761 Datasheet
514Kb / 5P
   SAW Filter
RF9795 REYCONNS-RF9795 Datasheet
492Kb / 5P
   SAW Filter
More results

Similar Description - RF97

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
logo
Microchip Technology
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com