Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF97 Datasheet(PDF) 50 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 50 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 53Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 54Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 121 page
background image
Page 50
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.4. Operating Modes in FSK/OOK Mode
The RF96/97/98 has several working modes, manually programmed in RegOpMode. Fully automated mode selection,
packet transmission and reception is also possible using the Top Level Sequencer described in Section 4.2.8.
Table 67 Basic Transceiver Modes
Mode
Selected mode
Symbol
Enabled blocks
000
Sleep mode
Sleep
None
001
Standby mode
Stdby
Top regulator and crystal oscillator
010
Frequency synthesiser to Tx
frequency
FSTx
Frequency synthesizer at Tx frequency (Frf)
011
Transmit mode
Tx
Frequency synthesizer and transmitter
100
Frequency synthesiser to Rx
frequency
FSRx
Frequency synthesizer at frequency for reception (Frf-IF)
101
Receive mode
Rx
Frequency synthesizer and receiver
When switching from a mode to another the sub-blocks are woken up according to a pre-defined optimized sequence.
4.2.5. Startup Times
The startup time of the transmitter or the receiver is dependant upon which mode the transceiver was in at the beginning.
For a complete description, Figure 17 below shows a complete startup process, from the lower power mode
“Sleep”.
Current
Drain
IDDR (Rx) or IDDT (Tx)
IDDFS
IDDSL
IDDST
Timeline
0
TS_OSC
TS_OSC
+TS_FS
TS_OSC
+TS_FS
+TS_TR
TS_OSC
+TS_FS
+TS_RE
FSTx
Transmit
Sleep
mode
Stdby
mode
FSRx
Receive
Figure 17. Startup Process
TS_OSC is the startup time of the crystal oscillator which depends on the electrical characteristics of the crystal. TS_FS is
the startup time of the PLL including systematic calibration of the VCO.
Typical values of TS_OSC and TS_FS are given in Section 2.3.


Similar Part No. - RF97

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF9715 REYCONNS-RF9715 Datasheet
513Kb / 5P
   SAW Filter
RF9761 REYCONNS-RF9761 Datasheet
514Kb / 5P
   SAW Filter
RF9795 REYCONNS-RF9795 Datasheet
492Kb / 5P
   SAW Filter
More results

Similar Description - RF97

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
logo
Microchip Technology
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com