Electronic Components Datasheet Search
Selected language     English  â–¼

Delete All
ON OFF

Advanced Search

              





RFM95 Datasheet(PDF) 90 Page - HOPE Microelectronics CO., Ltd.

Part No. RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOPE [HOPE Microelectronics CO., Ltd.]
Homepage  https://www.hoperf.com/
Logo 

 90 page
background image
Page 90
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
7
RestartRxOnCollision
rw
0x00
Turns on the mechanism restarting the receiver automatically if it
gets saturated or a packet collision is detected
0
No automatic Restart
1
Automatic restart On
6
RestartRxWithoutPllLock
wt
0x00
Triggers a manual Restart of the Receiver chain when set to 1.
Use this bit when there is no frequency change,
RestartRxWithPllLock otherwise.
5
RestartRxWithPllLock
wt
0x00
Triggers a manual Restart of the Receiver chain when set to 1.
Use this bit when there is a frequency change, requiring some
time for the PLL to re-lock.
4
AfcAutoOn
rw
0x00
0
No AFC performed at receiver startup
1
AFC is performed at each receiver startup
3
AgcAutoOn
rw
0x01
0
LNA gain forced by the LnaGain Setting
1
LNA gain is controlled by the AGC
RegRxConfig
(0x0d)
2-0
RxTrigger
rw
0x06
*
Selects the event triggering AGC and/or AFC at receiver startup.
See Table 18 for a description.
7-3
RssiOffset
rw
0x00
Signed RSSI offset, to compensate for the possible losses/gains
in the front-end (LNA, SAW filter...)
1dB / LSB, 2’s complement format
RegRssiConfig
(0x0e)
2-0
RssiSmoothing
rw
0x02
Defines the number of samples taken to average the RSSI result:
000
2 samples used
001
4 samples used
010
8 samples used
011
16 samples used
100
32 samples used
101
64 samples used
110
128 samples used
111
256 samples used
RegRssiCollision
(0x0f)
7-0
RssiCollisionThreshold
rw
0x0a
Sets the threshold used to consider that an interferer is detected,
witnessing a packet collision. 1dB/LSB (only RSSI increase)
Default: 10dB
RegRssiThresh
(0x10)
7-0
RssiThreshold
rw
0xff
RSSI trigger level for the Rssi interrupt:
- RssiThreshold / 2 [dBm]
RegRssiValue
(0x11)
7-0
RssiValue
r
-
Absolute value of the RSSI in dBm, 0.5dB steps.
RSSI = - RssiValue/2 [dBm]
7
unused
r
-
unused
6-5
reserved
rw
0x00
reserved
4-3
RxBwMant
rw
0x02
Channel filter bandwidth control:
00
RxBwMant = 16
10
RxBwMant = 24
01
RxBwMant = 20
11
reserved
RegRxBw
(0x12)
2-0
RxBwExp
rw
0x05
Channel filter bandwidth control:
FSK Mode:
RxBw = ------------------------
F
----
X
----
O
----
S
----
C
-------------------------
RxBwMant Ă— 2
RxBwExp + 2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl