Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM95 Datasheet(PDF) 91 Page - HOPE Microelectronics CO., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM95 Datasheet(HTML) 91 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM95 Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 88Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 89Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 90Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 91Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 92Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 93Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 94Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 95Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 121 page
background image
Page 91
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
7-5
reserved
rw
0x00
reserved
4-3
RxBwMantAfc
rw
0x01
RxBwMant parameter used during the AFC
RegAfcBw
(0x13)
2-0
RxBwExpAfc
rw
0x03
RxBwExp parameter used during the AFC
7-6
reserved
rw
0x00
reserved
5
BitSyncOn
rw
0x01
Enables the Bit Synchronizer.
0
Bit Sync disabled (not possible in Packet mode)
1
Bit Sync enabled
4-3
OokThreshType
rw
0x01
Selects the type of threshold in the OOK data slicer:
00
fixed threshold
10
average mode
01
peak mode (default)
11
reserved
RegOokPeak
(0x14)
2-0
OokPeakTheshStep
rw
0x00
Size of each decrement of the RSSI threshold in the OOK
demodulator:
000
0.5 dB
001
1.0 dB
010
1.5 dB
011
2.0 dB
100
3.0 dB
101
4.0 dB
110
5.0 dB
111
6.0 dB
RegOokFix
(0x15)
7-0
OokFixedThreshold
rw
0x0C
Fixed threshold for the Data Slicer in OOK mode
Floor threshold for the Data Slicer in OOK when Peak mode is
used
7-5
OokPeakThreshDec
rw
0x00
Period of decrement of the RSSI threshold in the OOK
demodulator:
000
once per chip
001
once every 2 chips
010
once every 4 chips
011
once every 8 chips
100
twice in each chip
101
4 times in each chip
110
8 times in each chip
111
16 times in each chip
4
reserved
rw
0x01
reserved
3-2
OokAverageOffset
rw
0x00
Static offset added to the threshold in average mode in order to
reduce glitching activity (OOK only):
00
0.0 dB
10
4.0 dB
01
2.0 dB
11
6.0 dB
RegOokAvg
(0x16)
1-0
OokAverageThreshFilt
rw
0x02
Filter coefficients in average mode of the OOK demodulator:
00
fC ≈ chip rate / 32.π
01
fC ≈ chip rate / 8.π
10
fC ≈ chip rate / 4.π
11
fC ≈ chip rate / 2.π
RegRes17
to
RegRes19
7-0
reserved
rw
0x47
0x32
0x3E
reserved. Keep the Reset values.


Similar Part No. - RFM95

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM95CW HOPE-RFM95CW Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95CW-915S2 HOPE-RFM95CW-915S2 Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95PW HOPE-RFM95PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-868S2 HOPE-RFM95PW-868S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-915S2 HOPE-RFM95PW-915S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results

Similar Description - RFM95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com