Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM95 Datasheet(PDF) 32 Page - HOPE Microelectronics CO., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM95 Datasheet(HTML) 32 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM95 Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 34Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 35Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 36Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 121 page
background image
Page 32
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
F
=
XOSC
4.1.4. Frequency Settings
Recalling that the frequency step is given by:
F
STEP
----------------
2
19
In order to set LO frequency values following registers are available.
Frf is a 24-bit register which defines carrier frequency. The carrier frequency relates to the register contents by following
formula:
F
RF = FSTEP × Frf(23,0)


Similar Part No. - RFM95

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM95CW HOPE-RFM95CW Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95CW-915S2 HOPE-RFM95CW-915S2 Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95PW HOPE-RFM95PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-868S2 HOPE-RFM95PW-868S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-915S2 HOPE-RFM95PW-915S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results

Similar Description - RFM95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com