Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM95 Datasheet(PDF) 67 Page - HOPE Microelectronics CO., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM95 Datasheet(HTML) 67 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM95 Datasheet HTML 63Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 64Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 65Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 66Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 67Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 68Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 69Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 70Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 71Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 121 page
background image
Page 67
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
CONTROL
DIO0
DIO1
DIO2
DIO3
DIO4
DIO5
Data
Rx
Tx
SYNC
RECOG.
PACKET
HANDLER
FIFO
(+SR)
SPI
NSS
SCK
MOSI
MISO
Figure 32. Packet Mode Conceptual View
Note
The Bit Synchronizer is automatically enabled in Packet mode.
4.2.13.2. Packet Format
Fixed Length Packet Format
Fixed length packet format is selected when bit PacketFormat is set to 0 and PayloadLength is set to any value greater
than 0.
In applications where the packet length is fixed in advance, this mode of operation may be of interest to minimize RF
overhead (no length byte field is required). All nodes, whether Tx only, Rx only, or Tx/Rx should be programmed with the
same packet length value.
The length of the payload is limited to 2047 bytes.
The length programmed in PayloadLength relates only to the payload which includes the message and the optional
address byte. In this mode, the payload must contain at least one byte, i.e. address or message byte.
An illustration of a fixed length packet is shown below. It contains the following fields:
Preamble (1010...)
Sync word (Network ID)
Optional Address byte (Node ID)
Message data
Optional 2-bytes CRC checksum


Similar Part No. - RFM95

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM95CW HOPE-RFM95CW Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95CW-915S2 HOPE-RFM95CW-915S2 Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95PW HOPE-RFM95PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-868S2 HOPE-RFM95PW-868S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-915S2 HOPE-RFM95PW-915S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results

Similar Description - RFM95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com