Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM96 Datasheet(PDF) 14 Page - HOPE Microelectronics CO., Ltd.

Part # RFM96
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM96 Datasheet(HTML) 14 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM96 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 121 page
background image
Page 14
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
FRC
RC Oscillator frequency
After calibration
-
62.5
-
kHz
BRF
Bit rate, FSK
Programmable values (1)
1.2
-
300
kbps
BRO
Bit rate, OOK
Programmable
1.2
-
32.768
kbps
BRA
Bit Rate Accuracy
ABS(wanted BR - available BR)
-
-
250
ppm
FDA
Frequency deviation, FSK (1)
Programmable
FDA + BRF/2 =< 250 kHz
0.6
-
200
kHz
Note
For Maximum Bit rate the maximum modulation index is 0.5.
2.4.3. FSK/OOK Mode Receiver
All receiver tests are performed with RxBw = 10 kHz (Single Side Bandwidth) as programmed in RegRxBw, receiving a
PN15 sequence. Sensitivities are reported for a 0.1% BER (with Bit Synchronizer enabled), unless otherwise specified.
Blocking tests are performed with an unmodulated interferer. The wanted signal power for the Blocking Immunity, ACR,
IIP2, IIP3 and AMR tests is set 3 dB above the receiver sensitivity level.
Table 53 FSK/OOK Receiver Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
Direct tie of RFI and RFO pins,
shared Rx, Tx paths FSK sensitiv-
ity, highest LNA gain.
Lower frequency bands
FDA = 5 kHz, BR = 1.2 kb/s
FDA = 5 kHz, BR = 4.8 kb/s
FDA = 40 kHz, BR = 38.4 kb/s*
FDA = 20 kHz, BR = 38.4 kb/s**
FDA = 62.5 kHz, BR = 250 kb/s***
-
-
-
-
-
-121
-117
-107
-108
-95
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
RFS_F_LF
Split RF paths, the RF switch
insertion loss is not accounted for.
Lower frequency bands
FDA = 5 kHz, BR = 1.2 kb/s
FDA = 5 kHz, BR = 4.8 kb/s
FDA = 40 kHz, BR = 38.4 kb/s*
FDA = 20 kHz, BR = 38.4 kb/s**
FDA = 62.5 kHz, BR = 250 kb/s***
-
-
-
-
-
-123
-119
-109
-110
-97
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
Direct tie of RFI and RFO pins,
shared Rx, Tx paths FSK sensitiv-
ity, highest LNA gain.
Higher frequency bands
FDA = 5 kHz, BR = 1.2 kb/s
FDA = 5 kHz, BR = 4.8 kb/s
FDA = 40 kHz, BR = 38.4 kb/s*
FDA = 20 kHz, BR = 38.4 kb/s**
FDA = 62.5 kHz, BR = 250 kb/s***
-
-
-
-
-
-119
-115
-105
-105
-92
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
RFS_F_HF
Split RF paths, LnaBoost is turned
on, the RF switch insertion loss is
not accounted for.
Higher frequency bands
FDA = 5 kHz, BR = 1.2 kb/s
FDA = 5 kHz, BR = 4.8 kb/s
FDA = 40 kHz, BR = 38.4 kb/s*
FDA = 20 kHz, BR = 38.4 kb/s**
FDA = 62.5 kHz, BR = 250 kb/s***
-
-
-
-
-
-123
-119
-109
-109
-96
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
RFS_O
OOK sensitivity, highest LNA gain
shared Rx, Tx paths
BR = 4.8 kb/s
BR = 32 kb/s
-
-
-117
-108
-
-
dBm
dBm
CCR
Co-Channel Rejection
-
-9
-
dB


Similar Part No. - RFM96

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM96W-315S2 ETC2-RFM96W-315S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM96W-433S2 ETC2-RFM96W-433S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
More results

Similar Description - RFM96

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com