Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM96 Datasheet(PDF) 29 Page - HOPE Microelectronics CO., Ltd.

Part # RFM96
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM96 Datasheet(HTML) 29 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM96 Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RFM96 Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
Page 29
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.1.2. LoRa
TM
  Digital Interface
The LoRaTM  modem comprises three types of digital interface, static configuration registers, status registers and a FIFO
data buffer. All are accessed through the RFM95/96/97/98(W)’s SPI interface - full details of each type of register are
given below. Full listings of the register addresses used for SPI access are given in Section 6.4.
4.1.2.1. LoRa
TM
 Configuration Registers
Configuration registers are accessed through the SPI interface. Registers are readable in all device mode including Sleep.
However, they should be written only in Sleep and Stand-by modes. Please note that the automatic top level
sequencer (TLS modes) are not available in LoRa
TM
   mode and the configuration register mapping changes as
shown in Table
85. The content of the LoRaTM configuration registers is retained in FSK/OOK mode. For the functionality of
mode registers common to both FSK/OOK and LoRaTM  mode, please consult the Analog and RF Front End section of this
document (Section 5).
4.1.2.2. Status Registers
Status registers provide status information during receiver operation.
4.1.2.3. LoRa
TM
 Mode FIFO Data Buffer
Overview
The RFM95/96/97/98(W) is equipped with a 256 byte RAM data buffer which is uniquely accessible in LoRa mode. This
RAM area, thereafter reffered to as the FIFO Data buffer, is fully customizable by the user and allows access to the
received, or to be transmitted, data. All access to the LoRaTM  FIFO data buffer is done via the SPI interface. A diagram of
the user defined memory mapping of the FIFO data buffer is shown below. These FIFO data buffer can be read in all
operating modes except sleep and store data related to the last receive operation performed. It is automatically cleared of
old content upon each new transition to receive mode.
Figure 7. LoRa
TM
 
data buffer


Similar Part No. - RFM96

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM96W-315S2 ETC2-RFM96W-315S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
RFM96W-433S2 ETC2-RFM96W-433S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
More results

Similar Description - RFM96

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com