Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH341H Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CH341H
Description  CH341 is a USB bus convert chip, providing UART, printer port, parallel and synchronous serial with 2-wire or 4-wire through USB bus
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CH341H Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CH341H Datasheet HTML 4Page - List of Unclassifed Manufacturers CH341H Datasheet HTML 5Page - List of Unclassifed Manufacturers CH341H Datasheet HTML 6Page - List of Unclassifed Manufacturers CH341H Datasheet HTML 7Page - List of Unclassifed Manufacturers CH341H Datasheet HTML 8Page - List of Unclassifed Manufacturers CH341H Datasheet HTML 9Page - List of Unclassifed Manufacturers CH341H Datasheet HTML 10Page - List of Unclassifed Manufacturers CH341H Datasheet HTML 11Page - List of Unclassifed Manufacturers CH341H Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
The DataSheet of CH341 (the first)
8
07H~06H
PID
Product ID, high byte is behind, any value
55??H
09H~08H
RID
Release ID, high byte is behind, any value
0100H
17H~10H
SN
Serial number, the size is 8
12345678
DID
Printer port: defined printer device ID string accord IEEE-1284
7FH~20H
PIDS
Serial interface or printer port: production explanation string of
un-printer
00H, 00H
Others
(Reserved unit)
00H or FFH
The following table is CFG defining detail configuration, explanation is according bit.
Bit
address
Shortened
form
Explanation
Default value
7
PRT
Select communication interface: for serial interface, the value
must be 1
For un-serial interface select: 0=standard USB printer port;
1=parallel interface
1
6
PWR
USB device supply power mode: 0=peripheral and USB;
1=USB bus only
1
5
SN-S
Production serial number string: 0=valid; 1=invalid
1
DID-S
Printer’s device ID string:0=valid; 1=invalid
1
4
PID-S
Product explanation string of un-printer: 0=valid; 1=invalid
1
3
SPD
Data transfer speed of printer port:0=high-speed;
1=low-speed/standard
1
2
SUSP
Automatically suspend and low-cost when USB is not busy,
0=forbid; 1=allow
1
1
0
PROT
Define interface protocol in configuration description sign of
USB device: for serial or parallel interface, the valid value is
0 to 3, 0 is recommended,
For standard USB printer port: the valid value is 1 and 2, 2 is
recommended
1
0
5.4.Asynchronous serial interface
In the asynchronous serial mode the CH341’s pins contain: data transfer pin, hardware speed control
pin, operation state pin, MODEM communication signal pin and assistant pin.
Data transfer pin consists: TXD and RXD pins. When serial interface is leisure TXD and RXD are
high-level.
Hardware speed control pin consists: TEN# and RDY#. TEN# is serial interface transfer enable, when it
is high-level, CH341 will stop transfer data from serial interface. Until it is low-level, CH341 will go on
transferring data. RDY# is serial interface receive ready. When it is high-level indicate CH341 is not ready
to receive data, maybe the chip is reset, USB is un-configure, cancel configuration or serial interface receive
buffer is full etc.
Operation state pins consist: TNOW and ROV# pins. TNOW with high-level indicates CH341 is
transferring data from serial interface. When the transfer is completed the TNOW is low-level. TNOW can
indicate serial interface receive and transfer switch state in semi-duplex serial interface mode. ROV#
indicates CH341 internal serial interface receive buffer will overflow or have overflowed and the following
data will discard. In common, the receive buffer is not overflow, so the ROV# is high-level.
MODEM communicate signal pins consist: CTS#, DSR#, RI#, DCD# , DTR# and RST# pin. All the
MODEM communication signals are controlled and defined by computer applied program, not directly


Similar Part No. - CH341H

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH341H WCH-CH341H Datasheet
214Kb / 12P
   Bus switching chip
logo
List of Unclassifed Man...
CH341H ETC-CH341H Datasheet
179Kb / 14P
   USB bus convert chip
More results

Similar Description - CH341H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH341A ETC-CH341A Datasheet
179Kb / 14P
   USB bus convert chip
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
logo
List of Unclassifed Man...
MCS7715 ETC1-MCS7715 Datasheet
250Kb / 2P
   USB to Combo Serial & Printer Port
logo
NXP Semiconductors
PDIUSBD12 PHILIPS-PDIUSBD12 Datasheet
167Kb / 22P
   USB interface device with parallel bus
Rev. 08-20 December 2001
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
   USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
   USB UART ( USB - Serial) I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
   USB UART ( USB - Serial) I.C.
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com