Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


LM185WH1 Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part No. LM185WH1
Description  SPECIFICATION FOR APPROVAL
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LG [LG Semicon Co.,Ltd.]
Homepage  
Logo 

 6 page
background image
Product Specification
7 / 32
LM185WH1
Liquid Crystal Display
Ver. 1.0
Sep., 10, 2008
3. Electrical specifications
3-1. Electrical characteristics
It requires two power inputs. One is employed to power the LCD electronics and to drive the
TFT array and liquid crystal. The second input power for the CCFL/Backlight, is typically
generated by an inverter. The inverter is an external unit to the LCDs.
Table 2. Electrical characteristics
Note :
1. The specified current and power consumption are
under the VLCD=5.0V, 25 ± 2°C,f
V=60Hz condition
whereas mosaic pattern(8 x 6) is displayed and f
V is the frame frequency.
2. The current is specified at the maximum current pattern.
3. Permissive power ripple should be measured under VCC=5.0V, 25°C, f
V (frame frequency)=75Hz
condition and At that time, we recommend the bandwidth configuration of oscilloscope
is to be under 20MHz.
4. The duration of rush current is about 5ms and rising time of power Input is 500us ± 20%.
I
LCD-BLACK
Vdc
5.5
5.0
4.5
V
LCD
Power Supply Input Voltage
2
mA
830
720
-
1
Watt
3.58
3.10
-
P
LCD
Power Consumption
3
A
3.0
-
-
I
RUSH
Inrush current
3
V
0.2
-
-
V
LCD
Permissive Power Input Ripple
1
mA
715
620
-
I
LCD-MOSAIC
Power Supply Input Current
MODULE :
Parameter
Symbol
Max
Typ
Min
Notes
Unit
Values
Mosaic Pattern(8 x 6)
White : 255Gray
Black : 0Gray
power consumption measurement
Full Black Pattern
power input ripple
FIG.3 pattern for Electrical characteristics




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl