Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


LM185WH1 Datasheet(PDF) 19 Page - LG Semicon Co.,Ltd.

Part No. LM185WH1
Description  SPECIFICATION FOR APPROVAL
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LG [LG Semicon Co.,Ltd.]
Homepage  
Logo 

 19 page
background image
Product Specification
20 / 32
LM185WH1
Liquid Crystal Display
Ver. 1.0
Sep., 10, 2008
3-8. V
LCD Power dip condition
1) Dip condition
3.5V ≤V
LCD< 4.5V ,
t
d≤20ms
2) V
LCD< 3.5V
V
LCD-dip conditions should also follow the Power On/Off conditions for supply voltage.
V
LCD
t
d
FIG. 6 Power dip condition
GND(ground)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl