Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


ALC888S-VD Datasheet(PDF) 51 Page - Realtek Semiconductor Corp.

Part No. ALC888S-VD
Description  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

 51 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
43
Track ID: JATR-2265-11
Rev. 1.2
8.6. Verb – Set Processing State (Verb ID=703h)
Table 38. Verb – Set Processing State (Verb ID=703h)
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=703h
Processing State [7:0]
0’s for All Nodes
Codec Response for All NID
Bit
Description
31:0
0’s.
8.7. Verb – Get Coefficient Index (Verb ID=Dh)
Table 39. Verb – Get Coefficient Index (Verb ID=Dh)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:16]
Payload Bit [15:0]
Response [31:0]
CAd=X
Node ID=20h
Verb ID=Dh
0’s
Bit [15:0] are Coefficient Index
Codec Response for NID=20h (Realtek Defined Registers)
Bit
Description
31:16
Reserved. Read as 0’s.
15:0
Coefficient Index.
Codec Response for Other NID
Bit
Description
31:0
Not Supported (Returns 00000000h).
8.8. Verb – Set Coefficient Index (Verb ID=5h)
Table 40. Verb – Set Coefficient Index (Verb ID=5h)
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:16]
Payload Bit [15:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=5h
Coefficient Index [15:0]
0’s for All Nodes
Codec Response for All NID
Bit
Description
31:0
0’s.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl