Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


ALC888S-VD Datasheet(PDF) 88 Page - Realtek Semiconductor Corp.

Part No. ALC888S-VD
Description  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

 
 88 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
80
Track ID: JATR-2265-11
Rev. 1.2
C66
4.7u/X5R/0805/10V
C68
4.7u/X5R/0805/10V
R72
75
R74
75
R70
2.2K
R71
2.2K
MIC1-JD
C71
100P
C70
100P
L24
FERB
L22
FERB
JACK 9
MIC-IN (Port-B)
1
2
5
3
4
R82
22K
R83
22K
LINE1-L
LINE1-R
R76
22K
R77
22K
C76
4.7u/X5R/0805/10V
FRONT-L
FRONT-R
LFE
SURR-R
CEN
SURR-L
SIDESURR-L
SIDESURR-R
R78
75
R80
75
R84
75
R86
75
ANALOG I/O CONNECTOR
R73
75
R75
75
R79
75
R81
75
R85
75
R87
75
L28
FERB
C78
100P
L26
FERB
C79
100P
SURR-JD
MIC1-VREFO-L
MIC1-VREFO-R
MIC1-R
MIC1-L
C74
4.7u/X5R/0805/10V
L32
FERB
L30
FERB
L33
FERB
C86
100P
C87
100P
C88
100P
C89
100P
C73
100P
L25
FERB
L31
FERB
L23
FERB
C72
100P
LINE1-JD
JACK 12
SURROUND (Port-A)
1
2
5
3
4
L29
FERB
C80
100P
JACK 10
CENTER/LFE (Port-G)
1
2
5
3
4
C81
100P
L27
FERB
JACK 14
SIDESURR (Port-H)
1
2
5
3
4
SIDESURR-JD
CEN-JD
FRONT-JD
C82
100u
C84
100u
C75
10u
C77
10u
C67
10u
C69
10u
C83
10u
C85
10u
JACK 13
FRONT-OUT (Port-D)
1
2
5
3
4
JACK 11
LINE-IN (Port-C)
1
2
5
3
4
R90
22K
R91
22K
R88
22K
R89
22K
Figure 20. Jack Connection at Rear Panel
C92
0.1u
R92
100
R93
220
S/PDIF-OUT
+5VD
U9
TOTX178
4
5
R100
220
C94
0.1u
C97
0.01u
C101
100P
J10
RCA
1
R97
100
S/PDIF option 3: Optical & RCA
Transmitter
S/PDIF-OUT
S/PDIF-OUT
R99
75
+5VD
R96
10
C100
100P
C96 470p
U8
TORX178S
4
5
L34 47uH
R94
10
C93
0.1u
Receiver
S/PDIF-IN
J5A2
RCA
S
R
S/PDIF-IN
C99 470p
+5VD
L35 47uH
C102
0.1u
R101 10
S/PDIF-IN
Receiver
U10
TORX178S
4
5
R98
75
J9
RCA
1
C95 470p R95
10
C98
100P
S/PDIF-IN
Transmitter
S/PDIF option 2: RCA only
S/PDIF module option 1: Optical
S/PDIF-OUT
S/PDIF-OUT
U7
TOTX178
4
5
S/PDIF-IN
+5VD
C90
0.01u
C91
100P
J8
RCA
1
Figure 21. SPDIF Input/Output Connection




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl