Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2320 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AM2320
Description  Digital Temperature and Humidity Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2320 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AM2320 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 16Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 17Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Sensor response message format returned:
Numerical calculation:
From the temperature and humidity sensor value is read back, as long as the value into decimal
number 10 is divided by the corresponding values of temperature and humidity, corresponding
temperature unit ℃, humidity unit is% RH. Such as the above data read back:
Humidity: 01F4 = 1×256+15×16+4 =500 => humidity = 500÷10=50.0%RH;
Temperature: 00FA= 15×16+10 = 250 => temperature = 250÷10 = 25.0℃ Note:
CRC
verification code calculated by the CRC code drawn, then the sensor on the transmission of CRC
codes ratio; same, then that data is received correctly, otherwise that data has errors.
2. Function code "10": Write multiple registers to sensor
Host code can use this feature to save multiple data storage sensor. Single AM2320 sensor
register is a byte, or 8 bits. Sensor allows you to save a maximum of 10 data registers. Thus, the
single most host to the sensor to save up to 10 registers. Over 10, the sensor will return the
corresponding error code.
The host sends the write frame format:
START + (I
2 C address + W) + function code (0x10) + start address register number + save data
+ CRC + STOP
The host reads the confirmation instruction:
START + (I
2 C address + R) + read sensor data returned + STOP
Sensor response frame format:
Function code (0x10) + start address + number + CRC register
For example: The host should be saved to address 10,11 ,01,02 sensors to register.
Host message format sent:
The host sends
Byte count
Transmitting information
Remarks
Sensor address
1
0XB8
Sensor C address (0xB8) + W (0)
Function Code
1
0x10
Write Multiple Registers
Starting address
1
0x10
Start address of the register to be written
Number of registers
1
0x04
Read the number of register
Slave response
Byte count
Transmitting information
Remarks
Function Code
1
0x03
Read register
Returns the number of bytes
1
0x04
Returns 4 of 4 byte register
Register 1
1
0x01
Address for the content of 0x00 (high humidity bytes)
Register 2
1
0XF4
Address for the content of 0x01 (low humidity bytes)
Register 3
1
0x00
Address for the content of 0x01 (low humidity bytes)
Register 4
1
0XFA
Address for the content 0x03 (temperature low byte)
CRC code
2
31A5
Sensors calculate the CRC code returned, low byte first;
- 13 -


Similar Part No. - AM2320

ManufacturerPart #DatasheetDescription
logo
Power-One
AM2320-7 POWER-ONE-AM2320-7 Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Analog Power
AM2320NE ANALOGPOWER-AM2320NE Datasheet
359Kb / 5P
   N-Channel 20-V (D-S) MOSFET
More results

Similar Description - AM2320

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
   Digital Humidity and Temperature Sensor
logo
List of Unclassifed Man...
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
   Digital Temperature and Humidity Sensor
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7015-A20 SILABS-SI7015-A20 Datasheet
498Kb / 39P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com