Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


AM2320 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. AM2320
Description  Digital Temperature and Humidity Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 3 page
background image
Figure 1 : AM2320 every inch form factor
External Interface: 1: VDD 2: SDA 3: GND 4: SCL
5. Sensor performance
5.1
Relative Humidity
Table 1: AM2320 relative humidity performance table
Figure 2: 25 ℃ relative humidity of maximum error AM2320
5.2 Temperature
Table 2: AM2320 relative temperature performance table
parameter
condition
min
typ
max
unit
resolution
0.1
16
bit
Accuracy
±0.5
Range
-40
80
Repeatability
±0.2
Interchangeability
parameter
condition
mi
n
typ
max
unit
resolution
0.1
%RH
Range
0
99.9
%RH
Accuracy
25℃
±3
%RH
Repeatability
±0.1
%RH
Interchangeability
Completely interchangeable
Response time
1/e(63%)
<5
S
Sluggish
±0.3
%RH
Drift
Typical
values
<0.5
%RH
/yr
- 2 -




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl