Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP171WU1 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LP171WU1
Description  17.1 WUXGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP171WU1 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LP171WU1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Product Specification
8 / 27
LP171WU1
Liquid Crystal Display
Ver. 1.0
Mar, 19, 2007
The backlight interface connector is a model BHSR-02VS-1, manufactured by JST or Compatible.
The mating connector part number is SM02B-BHSS-1 or equivalent.
Table 5. BACKLIGHT CONNECTOR PIN CONFIGURATION (J3)
Notes : 1. The high voltage side terminal is colored white and the low voltage side terminal is yellow.
1
Power supply for lamp (Low voltage side)
LV
2
1
Power supply for lamp (High voltage side)
HV
1
Notes
Description
Symbol
Pin
3-2. Interface Connections
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
Negative LVDS differential data input
Even_R
IN 0-
20
Ground
GND
19
Positive LVDS differential clock input
Odd_CLKIN+
18
Negative LVDS differential clock input
Odd_CLKIN-
17
Ground
GND
16
Positive LVDS differential data input
Odd_R
IN 2+
15
Negative LVDS differential data input
Odd_R
IN 2-
14
Ground
GND
13
Positive LVDS differential data input
Odd_R
IN 1+
12
Negative LVDS differential data input
Odd_R
IN 1-
11
Positive LVDS differential clock input
Even_CLKIN+
30
Power Supply, 3.3V Typ.
VCC
2
Power Supply, 3.3V Typ.
VCC
3
DDC 3.3V power
V EEDID
4
Panel BIST control
BIST
5
DDC Clock
Clk EEDID
6
DDC Data
DATA EEDID
7
Positive LVDS differential data input
Odd_R
IN 0+
9
Ground
GND
1
Negative LVDS differential data input
Odd_R
IN 0-
8
Ground
GND
10
Ground
GND
22
Negative LVDS differential data input
Even_R
IN 1-
23
Positive LVDS differential data input
Even_R
IN 1+
24
Ground
GND
25
Negative LVDS differential data input
Even_R
IN 2-
26
Positive LVDS differential data input
Even_R
IN 2+
27
Ground
GND
28
Negative LVDS differential clock input
Even_CLKIN-
29
Notes
Description
Symbol
Pin
Even_R
IN 0+
Positive LVDS differential data input
21
1, Interface chips
1.1 LCD : DTML012(LCD Controller)
including LVDS Receiver
1.2 System : THC63LVD823A or equivalent
* Pin to Pin compatible with THINE LVDS
2. Connector
2.1 LCD
: FI-XB30SRL-HF11, JAE or
MDF76LARW-30S-1H, Hirose
equivalent. Locking design
2.2 Mating : FI-X30M or equivalent.
2.3 Connector pin arrangement
1
30
[LCD Module Rear View]
This LCD employs two interface connections, a 30 pin connector is used for the module electronics interface
and the other connector is used for the integral backlight system.
The electronics interface connector is a model FI-XB30SRL-HF11 manufactured by JAE.


Similar Part No. - LP171WU1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LP171NMO PULSE-LP171NMO Datasheet
399Kb / 3P
   VHF 136-220 MHz
More results

Similar Description - LP171WU1

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC470EUF LG-LC470EUF Datasheet
860Kb / 40P
   47.0 WUXGA TFT LCD
LM240WU8 LG-LM240WU8 Datasheet
1Mb / 32P
   24.0??WUXGA TFT LCD
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
   42.0 WUXGA TFT LCD
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
   TFT-LCD
LTM200KT01 SAMSUNG-LTM200KT01 Datasheet
1Mb / 34P
   TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com