Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


LP171WU1 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part No. LP171WU1
Description  17.1 WUXGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LG [LG Semicon Co.,Ltd.]
Homepage  
Logo 

 11 page
background image
Product Specification
11 / 27
LP171WU1
Liquid Crystal Display
Ver. 1.0
Mar, 19, 2007
3-6. Power Sequence
Note)
1. Please avoid floating state of interface signal at invalid period.
2. When the interface signal is invalid, be sure to pull down the power supply for LCD VCC to 0V.
3. Lamp power must be turn on after power supply for LCD and interface signal are valid.
(ms)
-
-
400
T
7
(ms)
10
-
0
T
6
(ms)
50
-
0
T
5
(ms)
-
-
200
T
4
(ms)
-
-
200
T
3
(ms)
50
-
0
T
2
(ms)
10
-
-
T
1
Max.
Typ.
Min.
Units
Value
Parameter
Table 8. POWER SEQUENCE TABLE
T
6
Interface Signal,
V
i
(LVDS Signal of Transmitter)
Power for Lamp
Power Supply For LCD
V
CC
90%
10%
10%
0V
90%
T
1
T
2
T
5
Valid Data
0V
OFF
OFF
LAMP ON
T
7
T
3
T
4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl