Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


LP171WU1 Datasheet(PDF) 12 Page - LG Semicon Co.,Ltd.

Part No. LP171WU1
Description  17.1 WUXGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LG [LG Semicon Co.,Ltd.]
Homepage  
Logo 

 12 page
background image
Product Specification
12 / 27
LP171WU1
Liquid Crystal Display
Ver. 1.0
Mar, 19, 2007
4. Optical Specification
FIG. 1 Optical Characteristic Measurement Equipment and Method
Table 9. OPTICAL CHARACTERISTICS
Ta=25
°C, VCC=3.3V, fV=60Hz, f
CLK= 76.0MHz, Iout = 6.5mA
5
Viewing Angle
±0.03
Color Coordinates
4
Response Time
0.154
0.124
0.094
BY
0.343
0.313
0.283
WX
WHITE
y axis, down (
Φ=270°)
y axis, up (
Φ=90°)
x axis, left (
Φ=180°)
x axis, right(
Φ=0°)
degree
65
60
Θr
degree
65
60
Θl
degree
55
50
Θu
degree
55
50
Θd
BLUE
0.359
0.329
0.299
WY
6
Gray Scale
GREEN
RED
Rise Time+Decay Time
0.351
0.321
0.291
GX
0.591
0.561
0.531
GY
0.644
0.614
0.584
RX
0.383
0.353
0.323
RY
3
2.0
δ
WHITE
Luminance Variation
0.182
0.152
0.122
BX
ms
25
16
Tr
R +TrD
MAx
Typ
Min
1
500
CR
Contrast Ratio
2
cd/m2
260
220
L
WH
Surface Luminance, white
Parameter
Symbol
Notes
Units
Values
LCD Module
Optical Stage(x,y)
Pritchard 880 or
equivalent
50cm
Optical characteristics are determined after the unit has been ‘ON’ and stable for approximately 30 minutes in
a dark environment at 25
°C. The values specified are at an approximate distance 50cm from the LCD surface
at a viewing angle of
Φ and Θ equal to 0°.
FIG. 1 presents additional information concerning the measurement equipment and method.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl