Electronic Components Datasheet Search
Selected language     English  Ôľ╝
Advanced Search

              



Part Name


LP171WU1 Datasheet(PDF) 16 Page - LG Semicon Co.,Ltd.

Part No. LP171WU1
Description  17.1 WUXGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LG [LG Semicon Co.,Ltd.]
Homepage  
Logo 

 16 page
background image
Product Specification
16 / 27
LP171WU1
Liquid Crystal Display
Ver. 1.0
Mar, 19, 2007
5. Mechanical Characteristics
The contents provide general mechanical characteristics for the model LP171WU1.
In addition the figures in the next page are detailed mechanical drawing of the LCD.
229.5 mm
Vertical
Hard coating(4H)
Glare treatment of the front polarizer
Surface Treatment
705g (Max) w/o inverter & bracket
Weight
232.9
┬▒ 0.5mm
Vertical
244.5
┬▒ 0.5mm
Vertical
6.3
┬▒ 0.3mm
Depth
367.2 mm
Horizontal
Active Display Area
370.6
┬▒ 0.5mm
Horizontal
Bezel Area
382.2
┬▒ 0.5mm
Horizontal
Outline Dimension




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl