Electronic Components Datasheet Search
Selected language     English  â–¼
Advanced Search

              



Part Name


LP171WU1 Datasheet(PDF) 3 Page - LG Semicon Co.,Ltd.

Part No. LP171WU1
Description  17.1 WUXGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LG [LG Semicon Co.,Ltd.]
Homepage  
Logo 

 
 3 page
background image
Product Specification
3 / 27
LP171WU1
Liquid Crystal Display
Ver. 1.0
Mar, 19, 2007
RECORD OF REVISIONS
V1.0
V0.0
EDID
ver
Contrast Ration ( 400 → 500 )
Change of EDID Data (SMBUS Step, DCLK)
25~27
Timing Table : DCLK(79MHz
76MHz)
9
Mar. 19. 2007
1.0
Add the Min. Spec of Viewing Angle
12
EDID Data
25~27
Color Coordinates, Gray Scale
12~13
Feb. 5. 2007
0.3
Electrical characteristics
6
Feb. 2. 2007
0.2
Surface Treatment, Wire color, Signal Timing, Mechanical Drawing
4,8,9
17~19
Dec. 6. 2006
0.1
First Draft
-
Nov. 21. 2006
0.0
Description
Page
Revision Date
Revision No




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl