Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


AP6330 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part No. AP6330
Description  WiFiBluetooth 4.0(HS)FM Rx Module
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 9 page
background image
AP6330 Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
7
5. WiFi RF Specification
5.1 2.4GHz & 5GHz RF Specification
Conditions : VBAT=3.6V ; VDDIO=2.9V ; Temp:25°C
Feature
Description
WLAN Standard
IEEE 802.11a/b/g/n, WiFi compliant
Frequency Range
2.400 GHz ~ 2.497 GHz (2.4 GHz ISM Band)
4.900 GHz ~ 5.845 GHz (5.0 GHz ISM Band)
Number of Channels
2.4GHz:Ch1 ~ Ch14
5.0GHz:Please see the table1
Modulation
802.11a : OFDM /64-QAM,16-QAM, QPSK, BPSK
802.11b : DQPSK, DBPSK, CCK
802.11 g/n : OFDM /64-QAM,16-QAM, QPSK, BPSK
Output Power
802.11a /54Mbps : 13 dBm ± 1.5 dB @ EVM
 -25dB
802.11b /11Mbps : 16 dBm ± 1.5 dB @ EVM
 -9dB
802.11g /54Mbps : 15 dBm ± 1.5 dB @ EVM
 -25dB
802.11n /65Mbps : 14 dBm ± 1.5 dB @ EVM
 -28dB
Receive Sensitivity
(11n,20MHz)
@10% PER
- MCS=0
PER @ -89 dBm, typical
- MCS=1
PER @ -85 dBm, typical
- MCS=2
PER @ -84 dBm, typical
- MCS=3
PER @ -80 dBm, typical
- MCS=4
PER @ -77 dBm, typical
- MCS=5
PER @ -75 dBm, typical
- MCS=6
PER @ -72 dBm, typical
- MCS=7
PER @ -71 dBm, typical
Receive Sensitivity (11g)
@10% PER
-
6Mbps
PER @ -90 dBm, typical
-
9Mbps
PER @ -88 dBm, typical
- 12Mbps
PER @ -87 dBm, typical
- 18Mbps
PER @ -85 dBm, typical
- 24Mbps
PER @ -83 dBm, typical
- 36Mbps
PER @ -80 dBm, typical
- 48Mbps
PER @ -76 dBm, typical
- 54Mbps
PER @ -74 dBm, typical
Receive Sensitivity (11b)
@8% PER
-
1Mbps
PER @ -96 dBm, typical
-
2Mbps
PER @ -90 dBm, typical
- 5.5Mbps
PER @ -88 dBm, typical




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl